Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 10Page - STMicroelectronics STM32F101X6 Datasheet HTML 11Page - STMicroelectronics STM32F101X6 Datasheet HTML 12Page - STMicroelectronics STM32F101X6 Datasheet HTML 13Page - STMicroelectronics STM32F101X6 Datasheet HTML 14Page - STMicroelectronics STM32F101X6 Datasheet HTML 15Page - STMicroelectronics STM32F101X6 Datasheet HTML 16Page - STMicroelectronics STM32F101X6 Datasheet HTML 17Page - STMicroelectronics STM32F101X6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
Description
STM32F101x4, STM32F101x6
14/87
DocID15058 Rev 6
2.2
Full compatibility throughout the family
The STM32F101xx is a complete family whose members are fully pin-to-pin, software and
feature compatible. In the reference manual, the STM32F101x4 and STM32F101x6 are
referred to as low-density devices, the STM32F101x8 and STM32F101xB are referred to as
medium-density devices, and the STM32F101xC, STM32F101xD and STM32F101xE are
referred to as high-density devices.
Low- and high-density devices are an extension of the STM32F101x8/B devices, they are
specified in the STM32F101x4/6 and STM32F101xC/D/E datasheets, respectively. Low-
density devices feature lower Flash memory and RAM capacities and a timer less. High-
density devices have higher Flash memory and RAM capacities, and additional peripherals
like FSMC and DAC, while remaining fully compatible with the other members of the
STM32F101xx family.
The STM32F101x4, STM32F101x6, STM32F101xC, STM32F101xD and STM32F101xE
are a drop-in replacement for the STM32F101x8/B medium-density devices, allowing the
user to try different memory densities and providing a greater degree of freedom during the
development cycle.
Moreover, the STM32F101xx performance line family is fully compatible with all existing
STM32F101xx access line and STM32F102xx USB access line devices.
Table 3. STM32F101xx family
Pinout
Memory size
Low-density devices Medium-density devices
High-density devices
16 KB
Flash
32 KB
Flash(1)
1. For orderable part numbers that do not show the A internal code after the temperature range code (6), the
reference datasheet for electrical characteristics is that of the STM32F101x8/B medium-density devices.
64 KB
Flash
128 KB
Flash
256 KB
Flash
384 KB
Flash
512 KB
Flash
4 KB RAM 6 KB RAM 10 KB RAM 16 KB RAM
32 KB
RAM
48 KB
RAM
48 KB
RAM
144
-
-
-
-
5 × USARTs
4 × 16-bit timers, 2 × basic timers
3 × SPIs, 2 × I2Cs, 1 × ADC,
2 × DACs, FSMC (100 and 144 pins)
100
-
-
3 × USARTs
3 × 16-bit timers
2 × SPIs, 2 × I2Cs,
1 × ADC
64
2 × USARTs
2 × 16-bit timers
1 × SPI, 1 × I2C
1 × ADC
48
-
-
-
36
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com