Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 31Page - STMicroelectronics STM32F101X6 Datasheet HTML 32Page - STMicroelectronics STM32F101X6 Datasheet HTML 33Page - STMicroelectronics STM32F101X6 Datasheet HTML 34Page - STMicroelectronics STM32F101X6 Datasheet HTML 35Page - STMicroelectronics STM32F101X6 Datasheet HTML 36Page - STMicroelectronics STM32F101X6 Datasheet HTML 37Page - STMicroelectronics STM32F101X6 Datasheet HTML 38Page - STMicroelectronics STM32F101X6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
DocID15058 Rev 6
35/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
Table 12. Maximum current consumption in Run mode, code with data processing
running from Flash
Symbol
Parameter
Conditions
fHCLK
Max(1)
1. Based on characterization, not tested in production.
Unit
TA = 85 °C
IDD
Supply current
in Run mode
External clock (2), all
peripherals enabled
2. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
36 MHz
26
mA
24 MHz
18
16 MHz
13
8 MHz
7
External clock (2), all
peripherals Disabled
36 MHz
19
24 MHz
13
16 MHz
10
8 MHz
6
Table 13. Maximum current consumption in Run mode, code with data processing
running from RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1. Based on characterization, tested in production at VDD max, fHCLK max.
Unit
TA = 85 °C
IDD
Supply current in
Run mode
External clock (2), all
peripherals enabled
2. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
36 MHz
20
mA
24 MHz
14
16 MHz
10
8 MHz
6
External clock(2) all
peripherals disabled
36 MHz
15
24 MHz
10
16 MHz
7
8 MHz
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com