Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 26Page - STMicroelectronics STM32F101X6 Datasheet HTML 27Page - STMicroelectronics STM32F101X6 Datasheet HTML 28Page - STMicroelectronics STM32F101X6 Datasheet HTML 29Page - STMicroelectronics STM32F101X6 Datasheet HTML 30Page - STMicroelectronics STM32F101X6 Datasheet HTML 31Page - STMicroelectronics STM32F101X6 Datasheet HTML 32Page - STMicroelectronics STM32F101X6 Datasheet HTML 33Page - STMicroelectronics STM32F101X6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
Electrical characteristics
STM32F101x4, STM32F101x6
30/87
DocID15058 Rev 6
5.1.7
Current consumption measurement
Figure 11. Current consumption measurement scheme
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 5: Voltage characteristics,
Table 6: Current characteristics, and Table 7: Thermal characteristics may cause permanent
damage to the device. These are stress ratings only and functional operation of the device
at these conditions is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ai14126
VBAT
VDD
VDDA
IDD_VBAT
IDD
Table 5. Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD −VSS
External main supply voltage (including
VDDA and VDD)(1)
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
–0.3
4.0
V
VIN(2)
2. VIN maximum must always be respected. Refer to Table 6: Current characteristics for the maximum
allowed injected current values.
Input voltage on five volt tolerant pin
VSS −0.3
VDD +4.0
Input voltage on any other pin
VSS −0.3
4.0
|
ΔVDDx|
Variations between different VDD power pins
-
50
mV
|VSSX −VSS|
Variations between all the different ground
pins
-50
VESD(HBM)
Electrostatic discharge voltage (human body
model)
see Section 5.3.11: Absolute
maximum ratings (electrical
sensitivity)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com