Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 242 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 242 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 238Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 239Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 240Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 241Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 242Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 243Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 244Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 245Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 282 page
background image
7.3 Accelerators and Coprocessors
7.3.1 Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem (PRU_ICSSG)
The PRU_ICSSG module supports the following main features:
• 3x PRUs
– General-Purpose PRU (PRU)
– Real-Time PRU(RTU_PRU)
– Transmit PRU (TX_PRU)
• 2x Ethernet MII_G_RT configurable connection to PRUs
– Up to 2x RGMII ports
– Up to 2x MII ports
– RX Classifier
• 2x Industrial Ethernet Peripheral (IEP) to manage and generate industrial Ethernet functions
• 2x Industrial Ethernet 64-bit timers, each with 10 capture and 16 compare events, along with slow and fast
compensation.
• 1x MDIO
• 1x UART, with a dedicated 192MHz clock input
• Supports up to 4 sets of 3-phased motor control, with 12 primary and 12 complimentary programmable PWM
outputs.
• Supports up to 9 safety events with optional external trip I/O per PWM set with hardware glitch filter.
• 1x Enhanced Capture Module (ECAP)
• 1x Interrupt Controller (INTC)
– 160 input events supported – 96 external, 64 internal
• Flexible power management support
• Integrated switched central resource with programmable priority
• All memories support ECC
For more information, see Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem -
Gigabit (PRU_ICSSG) section in Processors and Accelerators chapter in the device TRM.
7.4 Other Subsystems
7.4.1 PDMA Controller
The Peripheral DMA is a simple DMA which has been architected to specifically meet the data transfer
needs of peripherals, which perform data transfers using memory mapped registers accessed via a standard
non-coherent bus fabric. The PDMA module is intended to be located close to one or more peripherals which
require an external DMA for data movement and is architected to reduce cost by using VBUSP interfaces and
supporting only statically configured Transfer Request (TR) operations.
The PDMA is only responsible for performing the data movement transactions which interact with the peripherals
themselves. Data which is read from a given peripheral is packed by a PDMA source channel into a PSI-L data
stream which is then sent to a remote peer UDMA-P destination channel which then performs the movement of
the data into memory. Likewise, a remote UDMA-P source channel fetches data from memory and transfers it to
a peer PDMA destination channel over PSI-L which then performs the writes to the peripheral.
The PDMA architecture is intentionally heterogeneous (UDMA-P + PDMA) to right size the data transfer
complexity at each point in the system to match the requirements of whatever is being transferred to or
from. Peripherals are typically FIFO based and do not require multi-dimensional transfers beyond their FIFO
dimensioning requirements, so the PDMA transfer engines are kept simple with only a few dimensions (typically
for sample size and FIFO depth), hardcoded address maps, and simple triggering capabilities.
Multiple source and destination channels are provided within the PDMA which allow multiple simultaneous
transfer operations to be ongoing. The DMA controller maintains state information for each of the channels and
employs round-robin scheduling between channels in order to share the underlying DMA hardware.
There are five PDMA modules in the device.
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
242
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com