Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 18Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 19Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 20Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 21Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 22Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 23Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 24Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 25Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 21
●
1:5 of CLK_SER in 10-bit ADC mode
●
1:6 of CLK_SER in 12-bit ADC mode
7.1.10
OTP Memory
A non-volatile, one time programmable memory is included on-chip. This is programmed with
unique identifier and temperature sensor calibration data.
7.2
Operating the Sensor
This section explains how to connect and power the sensor, as well as basic recipes of how
to configure the sensor in a certain operation mode.
7.2.1
Power Supplies
External Power Supplies
To power the sensor, eight externally generated supplies are required as listed in Figure 6. A
Figure 6 distinction is made between digital supplies (VDD12, VDD12C, VDD33D,
VDD12_PLL) and analog supplies (VDD33, VDDPIX, VDD45, VSSNEG). Avoid using
switching power supplies when possible, especially for the analog supplies.
Sufficient bulk (at the regulators) and local (at the sensor pins) decoupling is needed, see
Figure 14. In case of multiple pins for the same supply, local decoupling must be foreseen for
each pin (e.g. 3 capacitors for the 3 VDDPIX pins). Separate ground planes must be provided
to minimize coupling.
For optimal noise performance, it is advised to keep the analog and digital ground nets
separated and connect them together as close as possible to the external supply regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com