Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 46 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 46 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 42Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 43Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 44Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 45Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 46Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 47Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 48Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 49Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 45
Figure 46:
Timing Diagram: Triggered Internal Mode
In the example, the programmed 'frame time' is longer than the sum of GLOB length and
READOUT length. This situation is allowed and provides an easy mechanism to fine-tune
frame rate.
In the most extreme case, the programmed frame time exactly matches the minimum length
of the GLOB and READOUT phases together. This will start a new GLOB period as soon as
the previous READOUT is finished, which results in the maximum frame rate for given GLOB
and READOUT settings.
Because this mode is internally controlled based on register settings, there are no invalid
control timing conditions. Invalid register settings do exist (for example: frame time shorter
than GLOB+READOUT length), but these are specified in the relevant sections describing
those registers later in this document.
The table below lists the special timing conditions of this mode.
Figure 47:
Triggered Internal Mode: Special Control Timing
#
Special Control Timing
Sensor Response
TI_s0
REQ_EXP before last READOUT of
sequence has started
Will do nothing else than increase the sequence length (add the
number of frames of the new request to the total length of this
sequence, with a maximum total of 255 frames).
TI_s1
REQ_EXP after last READOUT of
sequence has started
Will initiate a new 'first' EXPOSURE, followed by a complete new
sequence. Depending on the timing of the new request, the
frame rate may be temporally change. See below.
TI_s2
Any pulse on REQ_FRAME
Will be ignored
The behavior in case of TI_s1 depends on the relation between (1) the programmed exposure
time of the new request and (2) the time remaining to complete the active frame (see last
'Frame time' in Figure 46).
●
If (1) < (2):
●
The start of the new EXPOSURE will be delayed.
●
It will be started at the correct moment so its end will coincide with the end of the
active frame.
●
The frame rate will not change: the first GLOB of the new sequence will be
exactly 'frame time' after the last GLOB of the active sequence.
EXPOSURE (2)
EXPOSURE (1)
REQ_EXP
SENSOR STATE
EXPOSURE (0)
IDLE
GLOB
READOUT (0)
GLOB
READOUT (1)
GLOB
IDLE
READOUT (2)
Frame time
Frame time
Exposure time
ExpDelay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com