Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 34Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 35Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 36Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 37Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 38Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 39Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 40Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 41Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 37
Figure 34:
State Diagram: Sequential Operation with Shutter Lag
The distinction is important because the EXPOSURE state is the direct response of external
control (through sensor I/O requests or register settings), but it is the actual exposure that
really matters to the user.
In the remainder of the document, when the concept of exposure or exposure time is
mentioned, it will always be about the EXPOSURE state, unless stated otherwise. The reader
should always bear in mind that the actual exposure is delayed in time with respect to this
EXPOSURE state due to the shutter lag mechanism.
In Figure 34, the shutter lag is shown under sequential operating conditions only, but note that
the shutter lag is present in all operation modes.
The shutter lag is always present at the end of the EXPOSURE period, since part of the
actual exposure time will always extend into the GLOB state. This is sometimes called
"exposure overlap". The shutter lag at the beginning of the EXPOSURE periods is introduced
artificially to compensate for this exposure overlap.
The shutter lag matching
can also be disabled to operate in “no shutter lag”-mode. In that
case, the sensor will move to the exposure state after a maximum internal latency of 33 *
tCLK_PIX when it receives an exposure request. The start of the actual exposure happens
together with the start of the exposure state. As a result, the length of the actual exposure
time is larger than the length of the EXPOSURE state (the exposure overlap is added).
Figure 35 shows the state diagram with the no shutter lag.
EXPOSURE
GLOB
IDLE
RESET
READOUT
Actual
exposure
Δt = shutter
lag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com