Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 25Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 26Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 27Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 28Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 29Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 30Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 31Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 32Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 28
SPI Write
All data bits on SPI_MOSI are sampled by the sensor on the rising edge of SPI_CLK. The
chip-select signal, SPI_CSN, shall be low at least ½ of an SPI_CLK period before the first
data bit is sampled. SPI_CSN shall remain low for at least ½ of an SPI_CLK period after the
last falling edge of SPI_CLK. The first bit transferred is a control bit indicating a write
operation (‘1’). Both the subsequent address (A<6:0>) and data (D<7:0>) are sent MSB-first.
When writing multiple sequential registers (e.g. 100, 101, 102 ...), the write burst mode can be
used. The address is that of the first register to be written to and the sequencer will
automatically shift to the next register after 8 data bits. SPI_CSN shall stay low the entire
time.
The actual register value is updated with the new value on the falling edge of SPI_CLK on
every D[0] bit. I.e. SPI_CLK shall go low at the end of D[0] for the write sequence to be
completed. The timing of both write modes is illustrated below.
Figure 22:
SPI Write Timing
SPI Read
The timing of the SPI read sequence is similar to the SPI write sequence. The main
differences are the control bit and the use of SPI_MISO. An SPI read is indicated by setting
the control bit to ‘0’. After the control bit, the address of the register to read shall be
transmitted MSB first. At the end of the LSB of the address, the data is launched on the
SPI_MISO pin on the falling edge of the SPI_CLK. This means that the data can be sampled
by the SPI master on the rising edge of the SPI_CLK. The data D<7:0> is transmitted MSB
first on SPI_MISO. When not transmitting data, the SPI_MISO output is in high-Z state.
Sequential SPI register addresses can also be read out in burst mode by keeping SPI_CSN
low and clocking out additional bytes. The timing of both read modes is illustrated below.
C=
’1'
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
ctrl
address
data (N)
Hi-Z
Internal reg updated
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
data (N+1)
Internal reg updated
C=
’1'
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
ctrl
address
data
Hi-Z
Internal reg updated
Tspi
SPI_CLK
SPI_CSN
SPI_MOSI
SPI_MISO
SPI_CLK
SPI_CSN
SPI_MOSI
SPI_MISO
½ Tspi
½ Tspi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com