Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 30Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 31Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 32Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 33Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 34Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 35Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 36Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 37Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 33
Figure 29:
Register Categories
Category
Description
-
Registers without category can be changed at any time, but might directly influence the
sensor execution.
SYNC
Registers are internally synchronized to start of frame (at the start of the GLOB state), so
an entire frame is always read with the same SYNC configuration. This means that the
registers may be updated at any time.
CONTEXT
Registers can only be changed in the non-active context (i.e. RW_CONTEXT differs from
ACTIVE_CONTEXT). These register can also be changed under the same conditions as
DC, if ACTIVE_CONTEXT is the same as RW_CONTEXT.
DC
Can only be changed when sensor is in IDLE state, or in soft reset state.
RST
Only to be changed when sensor is in soft reset state.
RO
Read-only register. All write operations are ignored.
Reading from a register is always allowed. When reading registers
of category ‘SYNC’, the
last value that was written to the register is read. The value read may differ from the value
that the sensor’s logic is currently using, as SYNC registers are frame-synchronized.
Figure 30:
Frame Sync
Reg. Name
Bank
Addr
Bits
Def.
Description
DISABLE_FRAMESYNC
0
5
[0]
0
0: Enable
1: Disable
PARAM_HOLD
0
4
[0]
0
0: Registers are frame synchronized
1: Registers are not frame synchronized
The upload of 'SYNC' type registers can be constrained with the following registers:
If DISABLE_FRAMESYNC is set to '1', frame synchronization is disabled. Any uploads will
take effect immediately.
Frame synchronization only happens if PARAM_HOLD is '0'. When uploading a bunch of
SYNC-type registers together (for example, change a number of different YWIN settings), it is
advised to set PARAM_HOLD to '1' during the entire upload. This prevents a frame from
being started with only half of the required updates in case the frame start happened when
the entire upload had not completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com