Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 33Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 34Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 35Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 36Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 37Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 38Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 39Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 40Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 36
Figure 33:
State Chart: Pipelined Operation
When exiting IDLE state, the first EXPOSURE period starts. Just like in the sequential
operation, this flows into a GLOB state, which in its turn starts the READOUT of a frame.
Depending on the sensor control or configuration (see 7.2.7 for details and options), a new
EXPOSURE may start when the READOUT is still busy.
At the end of the READOUT period, there are two options:
●
No new EXPOSURE got started. The sensor will return to IDLE.
●
A new EXPOSURE did get started. The sensor will wait until this new EXPOSURE
finishes, before moving back to GLOB, which will always trigger a new READOUT.
Shutter Lag
The shutter lag is the delay between the start and end of the EXPOSURE state and the start
and end of the actual exposure. The actual exposure is the time where the sensor is actually
capturing and integrating light. Figure 34 illustrates the shutter lag.
1st
EXPOSURE
GLOB
IDLE
RESET
READOUT
(N)
EXPOSURE
(N+1)
(no new exposure)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com