Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 22Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 23Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 24Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 25Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 26Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 27Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 28Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 29Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 25
Figure 17:
Power-Up Sequence (not to scale)
Information
The ramp-up of the digital supply (VDD12*) must be done before all the others power
supplies. Guaranty that it is settled and then ramp-up VDD33* and VDDPIX like showed
above.
7.2.3
Clocking
The sensor has two CMOS clock inputs: SPI_CLK and CLK_IN. SPI_CLK is part of the SPI
interface used to configure the sensor. All other internal sensor clocks are derived from the
PLL running on CLK_IN.
Refer to section 5 for the electrical specifications of the input clocks and to section 7.4.3 for
the configuration procedure of the PLL.
7.2.4
SPI and Register Access
The sensor operation must be configured by uploading register settings. These static register
values control the behavior of the sequencer on the chip, but also of all the analog and mixed-
signal blocks. To write and read register settings the SPI interface is used.
The SPI (Serial Peripheral Interface) consists of four wires, as shown in Figure 18.
The CSG14K_CSG8K image sensor always operates as the SPI slave. A single SPI access
always consists of:
●
Transfer of a control bit from master to slave to specify the transfer direction (read or
write).
●
Transfer of 7-bit register address from master to slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com