Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 27Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 28Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 29Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 30Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 31Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 32Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 33Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 34Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 30
and write operations act on the bottom sequencer A (which has BLOCK_ID 0). The
BLOCK_SEL register is always accessible, regardless of the currently selected bank.
Figure 25:
The BLOCK ID
The different blocks contain a certain subset of the total register bank, meaning that not every
register is present in every block. This is denoted with REGa, REGb, REGc, and REGd in the
figure above. Section 8 gives an overview of all registers that are included in every block.
A register (on a specific address) is always present in at least one block. If the register is
present in multiple blocks, then each block hold a unique copy of that register, allowing it to
be programmed differently in each of these blocks.
The sensor supports a broadcast mode where all blocks are written at once. This is done by
setting the BLOCK_SEL register to 255. This allows faster configuration as not every block
has to be programmed individually. Blocks that do not contain the currently addressed
register ignore the write operation, i.e. broadcasting does not overwrite anything in blocks that
do not have the currently addressed register.
Registers are unique per address. This means that a register (with a certain name) is present
on the same address in all blocks that contain this register. For blocks that do not contain this
register, the address points to nothing. In this case, write operations are ignored and read
operations return all zeros.
SEQ A
REGa
SPI
DPP1
REGb
REGb
REGc
REGd
SEQ A
REGa
DPP1
REGb
OB
REGc
SEQ B
REGd
ID 0
ID 18
ID 20
ID 0
ID 2, 4, 6 .. 16
ID 19
ID 21
ID 1
ID 3, 5, 7 .. 17
Internally distributed
DPP8
REGb
OB
SEQ B
DPP8
Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com