Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSG14K_CSG8K Datasheet(PDF) 90 Page - ams-OSRAM AG

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CSG14K_CSG8K Datasheet(HTML) 90 Page - ams-OSRAM AG

Back Button CSG14K_CSG8K Datasheet HTML 86Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 87Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 88Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 89Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 90Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 91Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 92Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 93Page - ams-OSRAM AG CSG14K_CSG8K Datasheet HTML 94Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 89
Figure 112:
Black Level Mapping
The mapping is done using the equation:
Equation 13:
������������������������������������������_������������������ = ������������������������[������������������������������������_������������������ − ������������������������������_������������������������������������������������_������������������ + ������������������������������_������������������������������������������������������_������������������]
BLACK_LEVELDATA_OUT is the target black level at the output of the sensor. It is specified with
the register EOB_TARGET. The recommended minimal setting is 30 (lower settings may
decrease the quality of the resulting image), which means the level at the output for black
pixels will be around 30 DN.
BLACK_LEVELADC_OUT is the black level at the output of the ADC. Its value is set differently
depending on how the black level correction is done. This is detailed in the next two sections.
On-Chip OBC
Setting EOB_BYPASS to 0 enables the automatic on-chip black level correction (clamping).
In this mode, BLACK_LEVELADC_OUT is calculated on-chip, based on OB pixels, for every row
allowing to correct for row and frame noise in the image.
This is the recommended mode of operation.
2
^15-1
0
BLACK
LEVEL
black
white
VALID
RANGE
row noise
frame noise
ADC_OUT
target
OUTPUT
RANGE
DATA_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com