Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8959 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
47
In Differential Mode (AINLMODE=10, AINRMODE=10), no additional volume control is available in
the input signal path, but the Input PGA volume control can be used to adjust the signal level as with
other modes. Both PGAs on the desired channel(s) must be enabled, and the PGA volumes of each
set to the same value for true Differential input characteristics. The PGA Output (LIN12 or RIN12) to
Mixer (INMIXL or INMIXR) path must also be enabled on the desired channel(s) by use of register bit
L12MNB or R12MNB. This configuration is illustrated in Figure 26. The applicable register settings
are shown in Table 11.
CONFIGURATION
REGISTER SETTINGS
1. Select Differential Mode
AINLMODE = 10
2. Enable LIN12 input path
L12MNB = 1
Left Channel Differential
Mode
(DIFFINL to AINLMUX)
3. Set channel volume as required.
Important: The LIN12 and LIN34
volume and mute settings must be
set to the same value. See Table 5
for full definitions of these fields.
LIN12VOL, LIN12MUTE
LIN34VOL, LIN34MUTE
1. Select Differential Mode
AINRMODE = 10
2. Enable RIN12 input path
R12MNB = 1
Right Channel Differential
Mode
(DIFFINR to AINRMUX)
3. Set channel volume as required.
Important: The RIN12 and RIN34
volume and mute settings must be
set to the same value. See Table 5
for full definitions of these fields.
RIN12VOL, RIN12MUTE
RIN34VOL, RIN34MUTE
Table 11 Differential Mode Register Settings
Figure 26 Differential Mode Signal Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com