Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8959 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
10
CLASS AB DE-RATING CURVE
The de-rating curves shown in Figure 3 are based on a full scale sinusoidal input
P
[W]
T
[ºC]
80
70
60
0.4
0.6
0.8
1.0
SPKVDD = 2.7V
SPKVDD = 3V
SPKVDD = 3.3V
SPKVDD = 3.6V
SPKVDD = 4.2V
SPKVDD = 5V
SPKVDD = 5.5V
0.9
0.7
0.3
0.5
0.1
0.2
55
65
75
85
Figure 3 Class AB Speaker Power De-Rating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com