Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8959 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
59
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R46 (2Eh)
5
RLI3RO
0b
LIN3 to ROMIX Mute
0 = Mute
1 = Un-mute
R46 (2Eh)
4
RRI3RO
0b
RIN3 to ROMIX Mute
0 = Mute
1 = Un-mute
R50 (32h)
8:6
RLI3ROVOL
[2:0]
000b
LIN3 to ROMIX Volume
(See Table 26 for Volume Range)
R48 (30h)
8:6
RRI3ROVOL
[2:0]
000b
RIN3 to ROMIX Volume
(See Table 26 for Volume Range)
R46 (2Eh)
3
RL12RO
0b
LIN12 PGA Output to ROMIX Mute
0 = Mute
1 = Un-mute
R48 (30h)
5:3
RL12ROVOL
[2:0]
000b
LIN12 PGA Output to ROMIX Volume
(See Table 26 for Volume Range)
R46 (2Eh)
2
RR12RO
0b
RIN12 PGA Output to ROMIX Mute
0 = Mute
1 = Un-mute
R48 (30h)
2:0
RR12ROVOL
[2:0]
000b
RIN12 PGA Output to ROMIX Volume
(See Table 26 for Volume Range)
R46 (2Eh)
7
RLBRO
0b
AINLMUX Output to ROMIX Mute
0 = Mute
1 = Un-mute
R50 (32h)
5:3
RLBROVOL
[2:0]
000b
AINLMUX Output to ROMIX Volume
(See Table 26 for Volume Range)
R46 (2Eh)
6
RRBRO
0b
AINRMUX Output to ROMIX
0 = Mute
1 = Un-mute
R50 (32h)
2:0
RRBROVOL
[2:0]
000b
AINRMUX Output to ROMIX Volume
(See Table 26 for Volume Range)
R46 (2Eh)
0
RDRO
0b
Right DAC to ROMIX Mute
0 = Mute
1 = Un-mute
Note: RDRO must be muted when
RDSPK=1
Table 25 Right Output Mixer (ROMIX) Volume Control
VOLUME SETTING
VOLUME
(dB)
000
0
001
-3
010
-6
011
-9
100
-12
101
-15
110
-18
111
-21
Table 26 LOMIX and ROMIX Volume Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com