Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8959 Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
71
DISABLED OUTPUTS
Whenever an analogue output is disabled, it can be connected to VREF through a resistor; this
feature is enabled by setting the BUFIOEN bit – see “Pop Suppression Control”. This helps to
prevent pop noise when the output is re-enabled. The resistance between VREF and each output
can be controlled using register bit VROI. By default, a high resistance is used - 20k
Ω for Headphone
outputs (LOUT, ROUT, OUT3 and OUT4) and 10k
Ω for Line outputs (LON, LOP, RON and ROP). If
a low impedance is desired for disabled outputs, VROI can then be set to 1, decreasing the
resistance to about 500
Ω in all cases.
Note that a disabled output may be used as a common ground connection for a capless headphone
output as described earlier.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R55 (37h)
Additional
Control
0
VROI
0
VREF to Analogue Output Resistance
(Disabled Outputs)
0 = 20k
Ω (Headphone) or 10kΩ (Line
Out) from buffered VMID to output
1 = 500
Ω from buffered VMID to output
Table 34 Disabled Outputs to VREF Resistance
THERMAL SHUTDOWN
The speaker and headphone outputs can drive very large currents. To protect the WM8959 from
overheating a thermal shutdown circuit is included. If the device temperature reaches approximately
150ºC and the thermal shutdown circuit is enabled (TSHUT_ENA = 1; TSHUT_OPDIS = 1) the
speaker and headphone amplifiers (LOUT, ROUT, SPKP, SPKN, OUT3 and OUT4) will be disabled.
TSHUT_ENA must be set to 1 to enable the temperature sensor when using the TSHUT_OPDIS
thermal shutdown function. The output of the temperature sensor can also be output to the GPIO
pins.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
14
TSHUT_ENA
(rw)
1b
Thermal Sensor Enable
0 = Thermal sensor disabled
1 = Thermal sensor enabled
R2 (02h)
13
TSHUT_OPDIS
(rw)
1b
Thermal Shutdown Enable
(Requires thermal sensor to be
enabled)
0 = Thermal shutdown disabled
1 = Thermal shutdown enabled
Table 35 Thermal Shutdown
When the speaker driver is operating in class AB mode the internal power dissipation of the WM8959
is likely to be significantly higher than when operating in class D mode.
Note: To prevent potential pops and clicks THSUT_ENA and TSHUT_OPDIS need to be configured
while the speaker and headphone outputs are off, i.e. LOUT_ENA, ROUT_ENA, OUT3_ENA,
OUT4_ENA and SPK_ENA are 0 (see also Table 70).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com