Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8959 Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
72
GENERAL PURPOSE INPUT/OUTPUT
The WM8959 provides a number of versatile GPIO functions to enable features such as mobile TV
support, Wi-Fi voice call recording, button and accessory detection and clock output.
The WM8959 has six multi-purpose pins for these functions.
•
GPIO1, GPIO3, GPIO4 and GPIO5: Dedicated GPIO pins.
•
LIN3/GPI7 and RIN3/GPI8: Analogue inputs or button/accessory detect inputs.
The following functions are available on some or all of the GPIO pins.
•
Alternative DAC interface (DACDAT, DACLRC, BCLK)
•
Button detect (latched with programmable de-bounce)
•
MICBIAS / Accessory current or short circuit detect
•
Clock output
•
Temperature sensor output
•
PLL lock output
•
Logic '1' and logic '0' output
•
Interrupt event output
•
Serial data output (register readback)
The functions available on each of the GPIO pins are identified in Table 36.
GPIO PIN FUNCTION
GPIO PINS
GPIO1
GPIO3
GPIO4
GPIO5
GPI7
GPI8
BCLK2
Y
DACLRC2
Y
DACDAT2
Y
Button/Accessory Detect Input
Y
Y
Y
Y
Y
Y
Clock Output
Y
Y
Y
Y
Temperature OK
Y
Y
Y
Y
PLL Lock
Y
Y
Y
Y
Logic 1 and Logic 0
Y
Y
Y
Y
Interrupt
Y
Y
Y
Y
SDOUT (Readback Data)
Y
Y
Y
Y
Pull-up and Pull-down Available
Y
Y
Y
Y
Table 36 Functions Available on GPIO Pins
The GPIO pins are configured by a combination of register settings described in Table 37 to Table 40
in the following section. The order of precedence for the control of the GPIO pins is as listed below.
1. Pin pull-up or pull-down (GPIOn_PU, GPIOn_PD)
2. Audio Interface and GPIO Tristate (AIF_TRIS)
3. Pin configuration (AIFSEL and GPIO1_ENA)
4. GPIO functionality (GPIOn_SEL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com