Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 143Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 144Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 145Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 146Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 147Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 148Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 149Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 150Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 147 of 162
Oct 20, 2022
RX64M Group
2. Electrical Characteristics
2.11
Flash Memory Characteristics
Note 1. Definition of reprogram/erase cycle:
The reprogram/erase cycle is the number of erasing for each block. When the reprogram/erase cycle is n times (n = 1000),
erasing can be performed n times for each block. For instance, when 256-byte programming is performed 32 times for different
addresses in 8-Kbyte block and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address for several times as one erasing is not enabled (overwriting is prohibited).
Note 2. This is the minimum number of times to guarantee all the characteristics after reprogramming (guaranteed range is from 1 to the
value of the minimum value).
Note 3. This shows the characteristic when the flash memory writer or self-programming library from Renesas Electronics is in use, and
the number of times programming and erasure proceed does not exceed the specified value.
Note 4. These values are based on the results of reliability testing.
Table 2.56
Code Flash Memory Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V
Temperature range for programming/erasure: Ta = Topr
Item
Symbol
FCLK = 4 MHz
20 MHz
≤ FCLK ≤ 60 MHz
Unit
Test
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
NPEC  100 times
256 bytes
tP256
—
0.9
13.2
—
0.4
6
ms
8 Kbytes
tP8K
—29
176
—13
80
ms
32 Kbytes
tP32K
—
116
704
—
52
320
ms
Programming time
NPEC > 100 times
256 bytes
tP256
—
1.1
15.8
—
0.5
7.2
ms
8 Kbytes
tP8K
—35
212
—16
96
ms
32 Kbytes
tP32K
—
140
848
—
64
384
ms
Erasure time
NPEC  100 times
8 Kbytes
tE8K
—
71
216
—
39
120
ms
32 Kbytes
tE32K
—
254
864
—
141
480
ms
Erasure time
NPEC > 100 times
8 Kbytes
tE8K
—
85
260
—
47
144
ms
32 Kbytes
tE32K
—
304
1040
—
169
576
ms
Reprogramming/erasure cycle*1
NPEC
1000*2
—
—
1000*2
——
Times
Suspend delay time during
programming
tSPD
—
—
264
—
—
120
µs
First suspend delay time during
erasing
(in suspend priority mode)
tSESD1
—
—
216
—
—
120
µs
Second suspend delay time during
erasure (in suspend priority mode)
tSESD2
——
1.7
——
1.7
ms
Suspend delay time during erasure
(in erasure priority mode)
tSEED
——
1.7
——
1.7
ms
Forced stop command
tFD
——
32
——
20
µs
Data hold time*3, *4
tDRP
20
—
—
20
—
—
Year
Ta ≤ 85°C
10
—
—
10
—
—
Ta ≤ 105°C
FCU reset time
tFCUR
35
—
—
35
—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com