Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0853ANDGI Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 9DBL0853ANDGI Datasheet HTML 24Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 25Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 26Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 27Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 28Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 29Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 30Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 31Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 32Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
1
10
11
20
21
30
31
40
(PCB Top View, NSMD Design)
0.35
0.35
5.00 ±0.10
5.00 ±0.10
Pin 1 ID
TOP VIEW
BOTTOM VIEW
0.40 ±0.10
3.50 ±0.10
3.50 ±0.10
0.40
SIDE VIEW
RECOMMENDED LAND PATTERN
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Numbers in ( ) are for references only.
0.20
(0.35)
0.20
0.40
Package
Outline
3.50
3.50
4.20
Seating Plane
0.08 C
C
(0.20)
0.90 ±0.10
0.05 Max
5.30
5.30
© Renesas Electronics Corporation
Package Outline Drawing
PSC-4292-02
NDG40P2
40-VFQFPN 5.0 x 5.0 x 0.9 mm Body, 0.4 mm Pitch
Rev.03, May 20, 2025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com