Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0853ANDGI Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 9DBL0853ANDGI Datasheet HTML 6Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 7Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 8Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 9Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 10Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 11Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 12Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 13Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
Table 5. 12kHz to 20MHz Phase Jitter [a] [b]
[a] Guaranteed by design and characterization, not 100% tested in production.
[b] Additive jitter is calculated using Root-Sum-Square (RSS) subtraction.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
tjph156M12k-20
Additive Phase Jitter,
Fanout Mode
156.25MHz, 12kHz to 20MHz.
–
363
–
fs
(rms)
Table 6. Clock Input Parameters
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Units
VCROSS
Input Crossover Voltage [a]
[a] Guaranteed by design and characterization, not 100% tested in production.
Crossover voltage.
150
–
900
mV
VSWING
Input Swing [a]
Differential value.
300
–
mV
dv/dt
Input Slew Rate [a] [b]
[b] Slew rate measured through ±75mV window centered around differential zero.
Measured differentially.
0.4
–
8
V/ns
IIN
Input Leakage Current
VIN = VDD , VIN = GND.
-5
–
5
μA
dtin
Input Duty Cycle [a]
Differential measurement.
45
–
55
%
JDIFIn
Input Jitter – Cycle to Cycle [a]
0
–
125
ps
Table 7. Output Duty Cycle, Skew and PLL Characteristics [a]
[a] Guaranteed by design and characterization, not 100% tested in production.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Units
BW
PLL BW [b]
[b] The Minimum/Typical/Maximum values of each BW setting track each other, i.e., maximum low BW will never occur with minimum high BW.
-3dB point in High BW Mode (100MHz).
2
3.3
4
MHz
-3dB point in Low BW Mode (100MHz).
1
1.5
2
MHz
tJPEAK
PLL Jitter Peaking
Peak Pass band gain (100MHz).
0.8
2
dB
tDC
Duty Cycle [c]
[c] Measured from differential waveform.
Measured differentially, PLL Mode.
45
50
55
%
tDCD
Duty Cycle Distortion [c] [d]
[d] Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
Measured differentially, Bypass Mode.
-1
0.0
1
%
tpdBYP
Skew, Input to Output [e]
[e] All outputs at default slew rate.
Bypass Mode, VT = 50%.
2500
3440
4500
ps
tpdPLL
PLL Mode VT = 50%.
-100
8
100
ps
tsk3
Skew, Output to Output [e]
VT = 50%.
22
50
ps
tjcyc-cyc
Jitter, Cycle to Cycle
PLL Mode.
15
50
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com