Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0853ANDGI Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 9DBL0853ANDGI Datasheet HTML 18Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 19Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 20Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 21Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 22Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 23Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 24Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 25Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
Byte 17 is Reserved.
Table 33. Byte 15: Pull-up/Pull-down Control 1
Byte 15
Bit
7
6
5
4
3
2
1
0
Function
Pull-up (PuP)/Pull-down (Pdwn) control
Type
RW
RW
RW
RW
RW
RW
RW
RW
Device
Definition
00 = None, 01 = Pdwn, 10 = Pup, 11 = Pup+Pdwn
9DBL08xx
Name
OE7pu/pd1 OE7pu/pd0 OE6pu/pd1 OE6pu/pd0 OE5pu/pd1 OE5pu/pd0 OE4pu/pd1 OE4pu/pd0
Default
0
1
0
1
0
1
0
1
9DBL06xx
Name
OE5pu/pd1 OE5pu/pd0 OE4pu/pd1 OE4pu/pd0
Reserved
OE3pu/pd1 OE3pu/pd0
Default
0
1
0
1
–
–
0
1
9DBL04xx
Name
Reserved
OE3pu/pd1 OE3pu/pd0
Reserved
OE2pu/pd1 OE2pu/pd0
Default
–
–
0
1
–
–
0
1
9DBL02xx
Name
Reserved
OE1pu/pd1 OE1pu/pd0
Default
–
–
–
–
–
–
0
1
Table 34. Byte 16: Pull-up_Pull-down Control 2
Byte 16
Bit
7
6
5
4
3
2
1
0
Function
–
–
–
–
–
–
Pull-up(PuP)/Pull-down (Pdwn) control
Type
–
–
–
–
–
–
RW
RW
Device
Definition
Reserved
00 = None, 01 = Pdwn,
10 = Pup, 11 = Pup+Pdwn
All
Name
–
–
–
–
–
–
CKPWRGD_PD_
pu/pd1
CKPWRGD_PD_
pu/pd0
Default
0
0
0
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com