Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0853ANDGI Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 9DBL0853ANDGI Datasheet HTML 10Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 11Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 12Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 13Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 14Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 15Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 16Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 17Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
Power Management
ZDB Operating Mode
Table 14. SMBus Parameters
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Units
VILSMB
SMBus Input Low Voltage
VDDSMB = 3.3V.
0.8
V
VIHSMB
SMBus Input High Voltage
VDDSMB = 3.3V.
2.1
3.6
V
VOLSMB
SMBus Output Low Voltage
At IPULLUP.
0.4
V
IPULLUP
SMBus Sink Current
At VOL.
4
mA
VDDSMB
Nominal Bus Voltage
2.7
3.6
V
tRSMB
SCLK/SDATA Rise Time [a]
[a] Guaranteed by design and characterization, not 100% tested in production.
(Max VIL - 0.15) to (Min VIH + 0.15).
1000
ns
tFSMB
SCLK/SDATA Fall Time [a]
(Min VIH + 0.15) to (Max VIL - 0.15).
300
ns
fSMB
SMBus Operating Frequency [b] [c]
[b] The device must be powered up for the SMBus to function.
[c] The differential input clock must be running for the SMBus to be active.
SMBus operating frequency.
500
kHz
Table 15. LOS Parameters
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Units
tLOS
CLK-IN Loss of Signal Detect Time
–
4.2
6
ms
tLOSREL
CLK-IN Loss of Signal Release Time
–
0.12
0.5
ms
Table 16. Power Management
CKPWRGD_PD#
CLK_IN
SMBus OEn bit
OEn# Pin
DIFn
DIFn#
PLL State
(ZDB Mode)
0
X
X
X
Low [a]
[a] The output state is set by B11[1:0] (Low/Low default)
Low [a]
Off
1
Running
0
X
Low [a]
Low [a]
On [b]
[b] If Bypass mode is selected, the PLL will always be off.
1
Running
1
0
Running
Running
On [b]
1
Running
1
1
Low [a]
Low [a]
On [b]
Table 17. ZDB (PLL) Operating Mode[a]
[a] ‘10’ value is reserved.
HiBW_BypM_LoBW#
Operating Mode
Byte1 [7:6] Readback
Byte1 [4:3] Control
0
Low Bandwidth PLL (ZDB) Mode
00
00
Mid-level (VDD/2)
Bypass Mode (Fanout buffer)
01
01
1
High Bandwidth PLL (ZDB) Mode
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com