Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0853ANDGI Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 9DBL0853ANDGI Datasheet HTML 5Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 6Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 7Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 8Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 9Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 10Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 11Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 12Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
Table 4. PCIe Phase Jitter (Zero-Delay Buffer Mode)[a] [b]
[a] The Refclk jitter is measured after applying the filter functions found in PCI Express Base Specification 5.0, Revision 1.0. See the Test Loads
section of the data sheet for the exact measurement setup. The total Ref Clk jitter limits for each data rate are listed for convenience. Jitter may
be subtracted from the limit using RSS subtraction to determine remaining margin. Guaranteed by design and characterization, not 100% tested
in production.
[b] Jitter measurements shall be made with a capture of at least 100,000 clock cycles captured by a real-time oscilloscope (RTO) with a sample rate
of 20GS/s or greater. Broadband oscilloscope noise must be minimized in the measurement. The measured PP jitter is used (no extrapolation)
for RTO measurements. Alternately, jitter measurements may be used with a Phase Noise Analyzer (PNA) extending (flat) and integrating and
folding the frequency content up to an offset from the carrier frequency of at least 200MHz (at 300MHz absolute frequency) below the Nyquist
frequency. For PNA measurements for the 2.5GT/s data rate, the RMS jitter is converted to peak to peak jitter using a multiplication factor of 8.83.
Symbol
Parameter
Conditions
Minimum Typical Maximum
Industry
Limit
Units
tjphPCIeG1-CC
PCIe Phase Jitter
(Common Clocked
Architecture)
PCIe Gen1 (2.5 GT/s), SSC < -0.5%,
any BW ZDB Mode
–
23
33
86
ps
(pk-pk)
tjphPCIeG2-CC
PCIe Gen2 Hi Band (5.0 GT/s),
SSC < -0.5%, any BW ZDB Mode
–
1.4
1.9
3.1
ps
(RMS)
PCIe Gen2 Lo Band (5.0 GT/s),
SSC < -0.5%, any BW ZDB Mode
–
0.5
0.81
3
ps
(RMS)
tjphPCIeG3-CC
PCIe Gen3 (8.0 GT/s),
SSC < -0.5%, High BW ZDB Mode
–
0.28
0.53
1
ps
(RMS)
tjphPCIeG4-CC
PCIe Gen4 (16.0 GT/s) [c] [d]
SSC < -0.5%, High BW ZDB Mode
[c] SSC spurs from the fundamental and harmonics are removed up to a cutoff frequency of 2MHz taking care to minimize removal of any non-SSC
content.
[d] Note that 0.7ps RMS is to be used in channel simulations to account for additional noise in a real system.
–
0.26
0.48
0.5
ps
(RMS)
tjphPCIeG5-CC
PCIe Gen5 (32.0 GT/s) [c] [e],
SSC < -0.5%, High BW ZDB Mode
[e] Note that 0.25ps RMS is to be used in channel simulations to account for additional noise in a real system.
–
0.07
0.149
0.15
ps
(RMS)
tjphPCIeG1-SRIS
PCIe Phase Jitter
(SRIS Architecture) [f]
[f] While the PCI Express Base Specification 5.0, Revision 1.0 provides the filters necessary to calculate SRIS jitter values, it does not provide
specification limits, hence the N/A in the Limit column. SRIS values are informative only. In general, a clock operating in an SRIS system must
be twice as good as a clock operating in a Common Clock system. For RMS values, twice as good is equivalent to dividing the CC value by 2.
It is up to the user to divide the clock output budget or the clock input budget by 2 to arrive at a target limit.
PCIe Gen1 (2.5 GT/s), SSC < -0.5%
High BW ZDB Mode
–
N/A
N/A
N/A
ps
(pk-pk)
tjphPCIeG2-SRIS
PCIe Gen2 (5.0 GT/s), SSC < -0.5%
High BW ZDB Mode
–
0.99
1.23
N/A
ps
(RMS)
tjphPCIeG3-SRIS
PCIe Gen3 (8.0 GT/s), SSC < -0.5%
High BW ZDB Mode
–
0.61
0.69
N/A
ps
(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com