Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0853ANDGI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9DBL0853ANDGI Datasheet HTML 2Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 3Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 4Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 5Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 6Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 7Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 8Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 9Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
GNDR
GND
Analog ground pin for the differential input (receiver)
8
–
–
–
LOS
Open Drain
Out
Output indicating Loss of Input Signal. This pin is an
open drain output and requires an external pull-up
resistor for proper functionality. The pin is normally
pulled low and goes high when the input clock is not
present.
31
26
21
16
NC
N/A
No connection.
–
20, 30 7, 16, 26,
30
14, 20
SCLK_3.3
Input
Clock pin of SMBus circuitry, 3.3V tolerant.
10
9
9
9
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
11
10
10
7
VDD3.3
Power
Power supply, nominal 3.3V.
20
16
-
-
VDD3.3
Power
Power supply, nominal 3.3V.
38
31
-
-
VDDA3.3
Power
3.3V power for the PLL core.
30
25
20
15
VDDDIG3.3
Power
3.3V digital power (dirty power).
12
11
11
8
VDDIO
Power
Power supply for differential outputs.
13, 21,
39, 47
12, 17,
32, 39
–
–
VDDO3.3
Power
Power supply for outputs. Nominally 3.3V.
–
–
15, 25
10, 21
VDDR3.3
Power
3.3V power for differential input clock (receiver). This
VDD should be treated as an Analog power rail and
filtered appropriately.
5
5
4
3
vOE0#
Input
Active low input for enabling output 0. This pin has an
internal 120k
Ω pull-down.
1 = disable outputs, 0 = enable outputs
14
13
12
13
vOE1#
Input
Active low input for enabling output 1. This pin has an
internal 120k
Ω pull-down.
1 = disable outputs, 0 = enable outputs
17
21
19
19
vOE2#
Input
Active low input for enabling output 2. This pin has an
internal 120k
Ω pull-down.
1 = disable outputs, 0 = enable outputs
25
24
24
–
vOE3#
Input
Active low input for enabling output 3. This pin has an
internal 120k
Ω pull-down.
1 = disable outputs, 0 = enable outputs
28
29
29
–
vOE4#
Input
Active low input for enabling output 4. This pin has an
internal 120k
Ω pull-down.
1 = disable outputs, 0 = enable outputs
34
35
–
–
vOE5#
Input
Active low input for enabling output 5. This pin has an
internal 120k
Ω pull-down.
1 = disable outputs, 0 = enable outputs
37
38
–
–
Table 1. Pin Descriptions (Cont.)
Pin Name [a] [b] [c]
Type
Description
08x3
Pin No.
06x3
Pin No.
04x3
Pin No.
02x3
Pin No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com