Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0853ANDGI Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 9DBL0853ANDGI Datasheet HTML 8Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 9Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 10Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 11Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 12Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 13Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 14Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 15Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
Table 10. Current Consumption – 9DBL04xx
Symbol
Parameter
Conditions
Minimum
Typical Maximum Units
IDDA
Operating Supply Current
VDDA, PLL Mode at 100MHz.
–
7
10
mA
IDDDIG
VDDDIG, PLL Mode at 100MHz.
–
3.1
5
mA
IDDO+R
VDDO+VDDR, PLL Mode, all outputs at 100MHz.
–
30
37
mA
IDDRPD
Powerdown Current [a]
VDDA, CKPWRGD_PD# = 0.
–
0.6
1.0
mA
IDDDIGPD
VDDDIG, CKPWRGD_PD# = 0.
–
2.9
4.5
mA
IDDAOPD
VDDO+VDDR, CKPWRGD_PD# = 0.
–
0.9
1.3
mA
Table 11. Current Consumption – 9DBL06xx
Symbol
Parameter
Conditions
Minimum Typical Maximum Units
IDDA
Operating Supply Current
VDDA, PLL Mode, at 100MHz.
–
8
10
mA
IDD
VDDx, all outputs active at 100MHz.
–
18
25
mA
IDDIO
VDDIO, all outputs active at 100MHz.
–
26
35
mA
IDDAPD
Powerdown Current [a]
VDDA, CKPWRGD_PD# = 0.
–
0.6
1
mA
IDDPD
VDDx, CKPWRGD_PD# = 0.
–
3.8
6
mA
IDDIOPD
VDDIO, CKPWRGD_PD# = 0.
–
0.05
0.10
mA
Table 12. Current Consumption – 9DBL08xx
Symbol
Parameter
Conditions
Minimum Typical Maximum Units
IDDA
Operating Supply Current
VDDA, PLL Mode, at 100MHz.
–
7
10
mA
IDD
VDDx, all outputs active at 100MHz.
–
20
32
mA
IDDIO
VDDIO, all outputs active at 100MHz.
–
35
45
mA
IDDAPD
Powerdown Current [a]
[a] Input clock stopped.
VDDA, CKPWRGD_PD# = 0.
–
0.6
1
mA
IDDPD
VDDx, CKPWRGD_PD# = 0.
–
3.9
8
mA
IDDIOPD
VDDIO, CKPWRGD_PD# = 0.
–
0.04
0.10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com