Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0853ANDGI Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 9DBL0853ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0853ANDGI Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 9DBL0853ANDGI Datasheet HTML 3Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 4Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 5Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 6Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 7Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 8Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 9Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 10Page - Renesas Technology Corp 9DBL0853ANDGI Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3. These
ratings, which are standard values for Renesas commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
vOE6#
Input
Active low input for enabling output 6. This pin has an
internal 120k
Ω pull-down.
1 = disable outputs, 0 = enable outputs
43
–
–
–
vOE7#
Input
Active low input for enabling output 7. This pin has an
internal 120k
Ω pull-down.
1 = disable outputs, 0 = enable outputs
46
–
–
–
vSADR_tri
Latched In
Tri-level latch to select SMBus Address. It has an
internal pull-down resistor. See the SMBus Address
Selection table.
1
1
32
23
[a] The ‘^’ prefix indicates internal 120
k
Ω pull-up resistor.
[b] The ‘^v’ prefix indicates internal 120
k
Ω pull-up and pull-down resistor (biased to VDD/2).
[c] The ‘v’ prefix indicates internal 120
k
Ω pull-down resistor.
Table 2. Absolute Maximum Ratings[a]
[a] Guaranteed by design and characterization, not 100% tested in production.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Units
VDDx
Supply Voltage[b]
[b] Operation under these conditions is neither implied nor guaranteed.
Applies to VDD, VDDA and VDDIO.
-0.5
3.9
V
VIN
Input Voltage[c]
[c] Not to exceed 3.9V.
-0.5
VDD + 0.5
V
VIHSMB
Input High Voltage, SMBus
SMBus clock and data pins.
3.9
V
Ts
Storage Temperature
-65
150
°C
Tj
Junction Temperature
125
°C
ESD prot
Input ESD Protection
Human Body Model.
2000
V
Table 1. Pin Descriptions (Cont.)
Pin Name [a] [b] [c]
Type
Description
08x3
Pin No.
06x3
Pin No.
04x3
Pin No.
02x3
Pin No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com