Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F313 Datasheet(PDF) 45 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 45 Page - fujitsu semiconductor

Back Button MB91F313 Datasheet HTML 41Page - fujitsu semiconductor MB91F313 Datasheet HTML 42Page - fujitsu semiconductor MB91F313 Datasheet HTML 43Page - fujitsu semiconductor MB91F313 Datasheet HTML 44Page - fujitsu semiconductor MB91F313 Datasheet HTML 45Page - fujitsu semiconductor MB91F313 Datasheet HTML 46Page - fujitsu semiconductor MB91F313 Datasheet HTML 47Page - fujitsu semiconductor MB91F313 Datasheet HTML 48Page - fujitsu semiconductor MB91F313 Datasheet HTML 49Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
MB91313 Series
45
(Continued)
Interrupt source
Interrupt number
Interrupt
level
Offset
TBR default
address
DMA
transfer
DMAC
STOP
source
Decimal
Hexadecimal
UART4 RX/TX/I2C status
34
22
ICR18
374H
000FFF74H
⎯⎯
UART5 RX/TX/I2C status
35
23
ICR19
370H
000FFF70H
⎯⎯
UART6 RX/TX/I2C status
36
24
ICR20
36CH
000FFF6CH
⎯⎯
UART7 RX/TX/I2C status
37
25
ICR21
368H
000FFF68H
⎯⎯
UART8 RX/TX/I2C status
38
26
ICR22
364H
000FFF64H
⎯⎯
UART9 RX/TX/I2C status
39
27
ICR23
360H
000FFF60H
⎯⎯
UART10 RX/TX/I2C status
40
28
ICR24
35CH
000FFF5CH
⎯⎯
A/D converter
41
29
ICR25
358H
000FFF58H
⎯⎯
PPG0
42
2A
ICR26
354H
000FFF54H
⎯
PWC
43
2B
ICR27
350H
000FFF50H
⎯⎯
HDMI-CEC/Remote controller
0, 1
44
2C
ICR28
34CH
000FFF4CH
⎯⎯
Watch timer
45
2D
ICR29
348H
000FFF48H
⎯⎯
Main oscillation wait
46
2E
ICR30
344H
000FFF44H
⎯⎯
Timebase timer
47
2F
ICR31
340H
000FFF40H
⎯⎯
Reload timer 3
48
30
ICR32
33CH
000FFF3CH
⎯⎯
Reload timer 4
49
31
ICR33
338H
000FFF38H
⎯⎯
Reload timer 5
50
32
ICR34
334H
000FFF34H
⎯⎯
PPG1
51
33
ICR35
330H
000FFF30H
⎯
PPG2
52
34
ICR36
32CH
000FFF2CH
⎯
PPG3
53
35
ICR37
328H
000FFF28H
⎯
DMAC0
54
36
ICR38
324H
000FFF24H
⎯⎯
DMAC1
55
37
ICR39
320H
000FFF20H
⎯⎯
DMAC2
56
38
ICR40
31CH
000FFF1CH
⎯⎯
DMAC3
57
39
ICR41
318H
000FFF18H
⎯⎯
DMAC4
58
3A
ICR42
314H
000FFF14H
⎯⎯
External interrupt 8 to 15
59
3B
ICR43
310H
000FFF10H
⎯⎯
External interrupt 16 to 23
60
3C
ICR44
30CH
000FFF0CH
⎯⎯
Multi-function timer 0, 1
61
3D
ICR45
308H
000FFF08H
⎯⎯
Multi-function timer 2, 3
62
3E
ICR46
304H
000FFF04H
⎯⎯
Delay interrupt
63
3F
ICR47
300H
000FFF00H
⎯⎯
System reserved
(Used by REALOS)
64
40
⎯
2FCH
000FFEFCH
⎯⎯
System reserved
(Used by REALOS)
65
41
⎯
2F8H
000FFEF8H
⎯⎯
System reserved
66
42
⎯
2F4H
000FFEF4H
⎯⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com