Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F313 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB91F313 Datasheet HTML 1Page - fujitsu semiconductor MB91F313 Datasheet HTML 2Page - fujitsu semiconductor MB91F313 Datasheet HTML 3Page - fujitsu semiconductor MB91F313 Datasheet HTML 4Page - fujitsu semiconductor MB91F313 Datasheet HTML 5Page - fujitsu semiconductor MB91F313 Datasheet HTML 6Page - fujitsu semiconductor MB91F313 Datasheet HTML 7Page - fujitsu semiconductor MB91F313 Datasheet HTML 8Page - fujitsu semiconductor MB91F313 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
DS07-16706-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2007 FUJITSU LIMITED All rights reserved
“Check Sheet” is seen at the following support page
URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
32-bit Microcontroller
CMOS
FR60 MB91313 Series
MB91F313
■ DESCRIPTION
The FR family* is a line of microcontrollers based on a high-performance 32-bit RISC CPU that contains a variety
of built-in I/O resources for embedded control applications which require high-performance, high-speed CPU
processing.
MB91313 series has multiple communication macro channels, suitable for embedded control applications such
as TV control.
* : FR, the abbreviation of FUJITSU RISC controller, is a line of products of FUJITSU Limited.
■ FEATURES
1.
FR CPU
• 32-bit RISC load/store architecture with a five-stage pipeline
• Operating frequency 33 MHz (oscillator frequency: 16.5 MHz; oscillator frequency multiplier: 2 (PLL clock
multiplication method))
• 16-bit fixed length instructions (basic instructions)
• Instruction execution speed : 1 instruction per cycle
• Instructions including memory-to-memory transfer, bit manipulation, and barrel shift instructions :
Instructions suitable for embedded applications
• Function entry/exit instructions and register data multi-load store instructions :
Instructions supporting C language
• Register interlock functions : Facilitates assembly-language coding
(Continued)


Similar Part No. - MB91F313

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F312A FUJITSU-MB91F312A Datasheet
599Kb / 59P
Proprietary 32-bit Microcontroller CMOS
MB91F312A FUJITSU-MB91F312A Datasheet
551Kb / 59P
Proprietary 32-bit Microcontroller
MB91F312APFV-1XX-BND-E1 FUJITSU-MB91F312APFV-1XX-BND-E1 Datasheet
551Kb / 59P
Proprietary 32-bit Microcontroller
MB91F314 FUJITSU-MB91F314 Datasheet
809Kb / 73P
32-bit Microcontroller
MB91F314PMC-GE1 FUJITSU-MB91F314PMC-GE1 Datasheet
809Kb / 73P
32-bit Microcontroller
More results

Similar Description - MB91F313

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
32-BIT MICROCONTROLLER
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
32-BIT MICROCONTROLLER
M451LG6AE ETC2-M451LG6AE Datasheet
4Mb / 219P
32-bit Microcontroller
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
32-bit Microcontroller
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
32-BIT MICROCONTROLLER
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
32-bit Microcontroller
NUC122-64P NUVOTON-NUC122-64P Datasheet
1Mb / 17P
32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com