Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F313 Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB91F313 Datasheet HTML 15Page - fujitsu semiconductor MB91F313 Datasheet HTML 16Page - fujitsu semiconductor MB91F313 Datasheet HTML 17Page - fujitsu semiconductor MB91F313 Datasheet HTML 18Page - fujitsu semiconductor MB91F313 Datasheet HTML 19Page - fujitsu semiconductor MB91F313 Datasheet HTML 20Page - fujitsu semiconductor MB91F313 Datasheet HTML 21Page - fujitsu semiconductor MB91F313 Datasheet HTML 22Page - fujitsu semiconductor MB91F313 Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
MB91313 Series
19
• Notes on the turning on/off VDDI pin (1.8 V internal power supply) and VDDE pin (3.3 V external pin power supply)
Do not apply only VDDE pin (external power supply) voltage continuously (more than one minute) while the
VDDI pin (internal power supply) is disconnected as it will adversely affect the reliability of the LSI.
When the VDDE pin (external power supply) returns from the off state to the on state, the circuit may not be
able to maintain its internal state, for example, due to power supply noise.
When the power is turned on, the states of the output pins may remain undefined until the internal power supply
becomes stable.
• Notes on using an external clock
When using the external clock as a general rule you should simultaneously supply X0 (X0A) and X1 (X1A) pins.
And also, the clock signal to X0 (X0A) should be supplied a clock signal with the reverse phase to X1 (X1A) pins.
However, in this case the stop mode (oscillation stop mode) must not be used (This is because the X1 (X1A)
pin stops at “H” output in STOP mode). Furthermore, supply a clock to X0 (X0A) pin only if the device is operating
in less than 12.5 MHz.
Note : When operating at a frequency of 10 MHz, the delay between the X0 (X0A) and X1 signals should be less
than 15 ns.
Power on
VDD pin (internal power supply)
→ VDDE pin (external power supply) → Analog→ Signal
Power off
Signal
→ Analog→ VDDE pin (external power supply) → VDDI pin (internal power supply)
X0, X0A
X1, X1A
Cannot be used in STOP mode (oscillation stop mode).
MB91313 series
Using an External Clock (Normal Method)
X0, X0A
X1, X1A
Open
MB91313 series
Using an External Clock (available at 12.5 MHz or less)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com