Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F313 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB91F313 Datasheet HTML 1Page - fujitsu semiconductor MB91F313 Datasheet HTML 2Page - fujitsu semiconductor MB91F313 Datasheet HTML 3Page - fujitsu semiconductor MB91F313 Datasheet HTML 4Page - fujitsu semiconductor MB91F313 Datasheet HTML 5Page - fujitsu semiconductor MB91F313 Datasheet HTML 6Page - fujitsu semiconductor MB91F313 Datasheet HTML 7Page - fujitsu semiconductor MB91F313 Datasheet HTML 8Page - fujitsu semiconductor MB91F313 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
MB91313 Series
2
• On-chip multiplier supported at the instruction level
- Signed 32-bit multiplication : 5 cycles
- Signed 16-bit multiplication : 3 cycles
• Interrupt (PC, PS save) : 6 cycles, 16 priority levels
• Harvard architecture enabling program access and data access to be executed simultaneously
• Instruction prefetch feature implemented using a 4-word queue in the CPU
• Instruction compatible with the FR family
2.
Simple External Bus Interface
• Function as an 8-bit or 16-bit multiplexed bus through programmatic settings
• Operating frequency : Max 16.5 MHz
• Multiplexed I/O for 8/16-bit data/address
• Capable of chip-select signal output for 4 completely independent areas configurable in minimum units of
64 Kbytes
• Basic bus cycle : 3 cycles
• Automatic wait cycle generation function to be programmed for each area
• Unused data/address/control signal pins can serve as general-purpose I/O
3.
Built-in Memory
Flash : 544 Kbytes, RAM : 32 Kbytes
4.
DMAC (DMA Controller)
• 5 channels
• Two transfer sources : Internal peripheral/software
• Addressing modes : 20/24-bit address selectable (increment/decrement/fixed)
• Transfer modes : Burst transfer/step transfer/block transfer
• Transfer data size : Selectable from 8, 16, or 32 bits
5.
Bit Search Module (for REALOS)
Function to search from the MSB (most significant bit) for the position of the first “0”, “1”, or changed bit in a
word
6.
16-bit Reload Timer (Including 1 Channel for REALOS)
• 6 channels
• Internal clock: Frequency division selectable from 2, 8, and 32
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com