Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F313 Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB91F313 Datasheet HTML 45Page - fujitsu semiconductor MB91F313 Datasheet HTML 46Page - fujitsu semiconductor MB91F313 Datasheet HTML 47Page - fujitsu semiconductor MB91F313 Datasheet HTML 48Page - fujitsu semiconductor MB91F313 Datasheet HTML 49Page - fujitsu semiconductor MB91F313 Datasheet HTML 50Page - fujitsu semiconductor MB91F313 Datasheet HTML 51Page - fujitsu semiconductor MB91F313 Datasheet HTML 52Page - fujitsu semiconductor MB91F313 Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
MB91313 Series
49
3.
DC Characteristics
(VDDE
= 3.3 V ± 0.3 V, VDDI = 1.8 V ± 0.15 V, VSS = 0 V, Ta = − 40 °C to + 85 °C)
(Continued)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Typ
Max
Current
Consumption
(upper : 1.8 V
lower : 3.3 V)
ICCT
⎯
Clock mode
Ta
= + 25 °C,
fclk
= 32 kHz
⎯
200
400
µA
⎯⎯
100
300
ICC
⎯
During normal
operation
Ta
= + 25 °C,
fcp
= 33 MHz,
fcpp
= 33 MHz
⎯
55
80
mA
⎯⎯
25
40
ICCS
⎯
Main sleep mode
Ta
= + 25 °C,
fcp
= 33 MHz,
fcpp
= 33 MHz
⎯
30
50
mA
⎯⎯
15
30
ICCL
⎯
Sub RUN mode
Ta
= + 25 °C,
fclk
= 32 kHz
⎯
250
450
µA
⎯⎯
150
400
ICCH
⎯
Main Stop mode
Ta
= + 25 °C,
fclk
= 0
⎯
150
300
µA
⎯⎯
40
80
⎯
Main Stop mode
Ta
= + 70 °C,
fclk
= 0
⎯
400
800
µA
⎯⎯
100
200
“H” level input
voltage
VIH
P00 to P07, P10 to P17,
P20 to P27, P30 to P37,
P50 to P57, P60 to P65,
PD0 to PD7, PE0, PE1,
PF0 to PF7
VDDE
= 3.3 V
VDDE
× 0.8
⎯
VDDE
V
PE2 to PE7, PC0 to PC7,
P40 to P47
VDDE
× 0.7
⎯
VDDE
V
“L” level input
voltage
VIL
P00 to P07, P10 to P17,
P20 to P27, P30 to P37,
P50 to P57, P60 to P65,
PD0 to PD7, PE0, PE1,
PF0 to PF7
VDDE
= 3.3 V
VSS
⎯
VDDE
× 0.2
V
PE2 to PE7, PC0 to PC7,
P40 to P47
VSS
⎯
VDDE
× 0.3
V
“H” level output
voltage
VOH
All port pins
VDDE
= 3.3 V,
IOH
= − 4 mA
VDDE
− 0.5
⎯
VDDE
V
“L” level output
voltage
VOL
All port pins
VDDE
= 3.3 V,
IOL
= 4 mA
VSS
⎯
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com