Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F313 Datasheet(PDF) 62 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 62 Page - fujitsu semiconductor

Back Button MB91F313 Datasheet HTML 58Page - fujitsu semiconductor MB91F313 Datasheet HTML 59Page - fujitsu semiconductor MB91F313 Datasheet HTML 60Page - fujitsu semiconductor MB91F313 Datasheet HTML 61Page - fujitsu semiconductor MB91F313 Datasheet HTML 62Page - fujitsu semiconductor MB91F313 Datasheet HTML 63Page - fujitsu semiconductor MB91F313 Datasheet HTML 64Page - fujitsu semiconductor MB91F313 Datasheet HTML 65Page - fujitsu semiconductor MB91F313 Datasheet HTML 66Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
MB91313 Series
62
(12) I2C timing
• When operating in master mode
(VDDE
= 3.3 V ± 0.3 V, VDDI = 1.8 V ± 0.15 V, VSS = 0 V, Ta = −40 °C to + 85 °C)
*1 : For use at over 100 kHz, set the resource clock to 6 MHz or higher.
*2 : R and C represent the pull-up resistance and load capacitance of the SCL and SDA output lines, respectively.
*3 : M
= Resource clock cycle (ns)
*4 : A high-speed mode I2C bus device can be used on a standard mode I2C bus system as long as the device
satisfies the requirement of “tSUDAT
≥ 250 ns”.
When a device does not extend the “L” period of the SCL signal, the next data must be output to the SDA line
within 1250 ns (maximum SDA/SCL rise time
+ tSUDAT) from when the SCL line is released.
Parameter
Symbol Conditions
Typical mode
High-speed
mode*1
Unit
Remarks
Min
Max
Min
Max
SCL clock frequency
fSCL
R
= 1 kΩ,
C
= 50 pF*2
0
100
0
400
kHz
“L” period of SCL clock
tLOW
4.7
⎯
1.3
⎯µs
“H” period of SCL clock
tHIGH
4.0
⎯
0.6
⎯µs
Bus free time between
“STOP condition” and
“START condition”
tBUS
4.7
⎯
1.3
⎯µs
SCL
↓ → SDA
output delay time
tDLDAT
⎯
5
× M*3
⎯
5
× M*3
ns
“Repeated START condition”
setup time SCL
↑ → SDA ↓
tSUSTA
4.7
⎯
0.6
⎯µs
“Repeated START condition”
hold time SDA
↓ → SCL ↓
tHDSTA
4.0
⎯
0.6
⎯µs
The first clock
pulse is generat-
ed after this.
“STOP condition” setup time
SCL
↑ → SDA ↑
tSUSTO
4.0
⎯
0.6
⎯µs
SDA data input hold time
(vs. SCL
↓)
tHDDAT
2
× M*3
⎯
2
× M*3
⎯µs
SDA data input setup time
(vs. SCL
↑)
tSUDAT
250
⎯
100*4
⎯
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com