Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F313 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB91F313 Datasheet HTML 9Page - fujitsu semiconductor MB91F313 Datasheet HTML 10Page - fujitsu semiconductor MB91F313 Datasheet HTML 11Page - fujitsu semiconductor MB91F313 Datasheet HTML 12Page - fujitsu semiconductor MB91F313 Datasheet HTML 13Page - fujitsu semiconductor MB91F313 Datasheet HTML 14Page - fujitsu semiconductor MB91F313 Datasheet HTML 15Page - fujitsu semiconductor MB91F313 Datasheet HTML 16Page - fujitsu semiconductor MB91F313 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
MB91313 Series
13
(Continued)
* : For the details of the I/O circuit types. Refer to “
■ I/O CIRCUIT TYPE”.
Pin no.
Pin name
I/O circuit
type*
Description
114
P55
C
General-purpose port
RDX
External read strobe output pin
115
P56
C
General-purpose port
WR0X
External data bus write strobe output pin
116
P57
C
General-purpose port
WR1X
External data bus write strobe output pin
117
P20
D
General-purpose port
SIN0
Serial data input pin
118
P21
L
General-purpose port
SOT0/SDA0
(I2C bridge)
Serial data output pin/I2C data I/O pin
119
P22
L
General-purpose port
SCK0/SCL0
(I2C bridge)
Serial communication clock I/O pin/I2C clock I/O pin
120
VDDE
⎯
3.3 V power supply pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com