Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F313 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB91F313 Datasheet HTML 3Page - fujitsu semiconductor MB91F313 Datasheet HTML 4Page - fujitsu semiconductor MB91F313 Datasheet HTML 5Page - fujitsu semiconductor MB91F313 Datasheet HTML 6Page - fujitsu semiconductor MB91F313 Datasheet HTML 7Page - fujitsu semiconductor MB91F313 Datasheet HTML 8Page - fujitsu semiconductor MB91F313 Datasheet HTML 9Page - fujitsu semiconductor MB91F313 Datasheet HTML 10Page - fujitsu semiconductor MB91F313 Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
MB91313 Series
7
(Continued)
Pin no.
Pin name
I/O circuit
type*
Description
17
P41
B
General-purpose port
TMO1
Multi-function timer output pin
INT17
External interrupt request input pin
18
P42
B
General-purpose port
TMO2
Multi-function timer output pin
INT18
External interrupt request input pin
19
P43
B
General-purpose port
TMO3
Multi-function timer output pin
INT19
External interrupt request input pin
20
P44
B
General-purpose port
TMI0
Multi-function timer input pin
INT20
External interrupt request input pin
21
P45
B
General-purpose port
TMI1
Multi-function timer input pin
INT21
External interrupt request input pin
SIN10
Serial data input pin
22
P46
B
General-purpose port
TMI2
Multi-function timer input pin
INT22
External interrupt request input pin
SOT10/SDA10
Serial data output pin/I2C data I/O pin
23
P47
B
General-purpose port
TMI3
Multi-function timer input pin
INT23
External interrupt request input pin
SCK10/SCL10
Serial communication clock I/O pin/I2C clock I/O pin
24
P60
C
General-purpose port
TOT3
Reload timer output pin
TRG2
PPG trigger input pin
25
P61
C
General-purpose port
TOT4
Reload timer output pin
TRG3
PPG trigger input pin
26
P62
C
General-purpose port
TOT5
Reload timer output pin
RDY
External ready input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com