Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F313 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB91F313
Description  32-bit Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F313 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB91F313 Datasheet HTML 1Page - fujitsu semiconductor MB91F313 Datasheet HTML 2Page - fujitsu semiconductor MB91F313 Datasheet HTML 3Page - fujitsu semiconductor MB91F313 Datasheet HTML 4Page - fujitsu semiconductor MB91F313 Datasheet HTML 5Page - fujitsu semiconductor MB91F313 Datasheet HTML 6Page - fujitsu semiconductor MB91F313 Datasheet HTML 7Page - fujitsu semiconductor MB91F313 Datasheet HTML 8Page - fujitsu semiconductor MB91F313 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
MB91313 Series
3
7.
Serial Interface
• 11 channels
• Full duplex double buffer
• Communication mode : Asynchronous (start-stop synchronization) communication, clock synchronous
communication (8.25 Mbps Max), I2C* standard mode (100 kbps Max), high-speed mode (400 kbps Max)
• Parity on/off selectable
• Baud rate generators for each channel
• Extensive error detection functions : Parity, frame, and overrun
• External clock can be used as transfer clock
• Ch.0 to ch.2 : DMA transfers/each equipped with a pair of 16-byte transmit and receive FIFOs
• Ch.8 to ch.10 : 5 V tolerant
• Ch.8 : Open drain outputs
•I2C bridge function (bridges between channels 0, 1, and 2)
• SPI mode
8.
Interrupt Controller
• External interrupt lines: Total of 24 lines (INT23 to INT0)
• Interrupts from internal peripherals
• Programmable 16 priority levels
• Capable of using wakeup from STOP mode
9.
10-bit A/D Converter
• 10 channels
• Successive approximation type : Conversion time : About 7.94
µs
• Conversion mode : Single-shot conversion mode, scan conversion mode
• Activation sources : Software/external trigger
10. PPG
• 4 channels
• 16-bit down counter, 16-bit data register with cycle setting buffer
• Internal clock : Frequency division selected from 1, 4, 16, and 64
• Support for automatic cycle setting by DMA transfer
• Function for supporting remote control transmission
• Open drain outputs
11. PWC
• 1 channel (1 input)
• 16-bit up counter
• Simple digital lowpass filter
12. Multi-function Timer
• 4 channels
• Lowpass filter eliminating noise below a pre-set clock frequency
• Capable of pulse width measurement using seven types of clock signals
• Pin input event count function
• Interval timer function using seven types of clock signals and external input clock
• Internal HSYNC counter mode
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com