Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF Datasheet(PDF) 4 Page - Analog Devices

Part # LT3083MPDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPDF Datasheet(HTML) 4 Page - Analog Devices

  LT3083MPDF Datasheet HTML 1Page - Analog Devices LT3083MPDF Datasheet HTML 2Page - Analog Devices LT3083MPDF Datasheet HTML 3Page - Analog Devices LT3083MPDF Datasheet HTML 4Page - Analog Devices LT3083MPDF Datasheet HTML 5Page - Analog Devices LT3083MPDF Datasheet HTML 6Page - Analog Devices LT3083MPDF Datasheet HTML 7Page - Analog Devices LT3083MPDF Datasheet HTML 8Page - Analog Devices LT3083MPDF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3083
4
Rev. B
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2).
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Unless otherwise specified, all voltages are with respect to VOUT.
The LT3083 is tested and specified under pulse load conditions such that
TJ ≅ TA. The LT3083E is 100% tested at TA = 25°C and performance is
guaranteed from 0°C to 125°C. Performance of the LT3083E over the
full –40°C to 125°C operating junction temperature range is assured by
design, characterization, and correlation with statistical process controls.
The LT3083I regulators are guaranteed over the full –40°C to 125°C
operating junction temperature range. The LT3083MP is 100% tested and
guaranteed over the –55°C to 125°C operating junction temperature range.
Note 3: Minimum load current is equivalent to the quiescent current of
the part. Since all quiescent and drive current is delivered to the output
of the part, the minimum load current is the minimum current required to
maintain regulation.
Note 4: For the LT3083, dropout is caused by either minimum control
voltage (VCONTROL) or minimum input voltage (VIN). Both parameters are
specified with respect to the output voltage. The specifications represent
the minimum input-to-output differential voltage required to maintain
regulation.
Note 5: The VCONTROL pin current is the drive current required for the
output transistor. This current will track output current with roughly a 1:60
ratio. The minimum value is equal to the quiescent current of the device.
Note 6: Output noise is lowered by adding a small capacitor across the
voltage setting resistor. Adding this capacitor bypasses the voltage setting
resistor shot noise and reference current noise; output noise is then equal
to error amplifier noise (see the Applications Information section).
Note 7: The SET pin is clamped to the output with diodes through 1k
resistors. These resistors and diodes will only carry current under
transient overloads.
Note 8: Load regulation is Kelvin sensed at the package.
Note 9: Current limit includes foldback protection circuitry. Current limit
decreases at higher input-to-output differential voltages.
Note 10: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Overtemperature protection
(thermal limit) is typically active at junction temperatures of 165°C.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCONTROL Dropout Voltage (Note 4)
ILOAD = 100mA
ILOAD = 1A
ILOAD = 3A
l
l
1.2
1.22
1.25
1.55
1.6
V
V
V
VIN Dropout Voltage (Note 4)
ILOAD = 100mA
l
10
25
mV
ILOAD = 1A, Q, T Packages
ILOAD = 1A, DF, FE Packages
l
l
120
90
190
160
mV
mV
ILOAD = 3A, Q, T Packages
ILOAD = 3A, DF, FE Packages
l
l
310
240
510
420
mV
mV
VCONTROL Pin Current (Note 5)
ILOAD = 100mA
ILOAD = 1A
ILOAD = 3A
l
l
l
5.5
18
40
10
35
80
mA
mA
mA
Current Limit
VIN = 5V, VCONTROL = 5V, VSET = 0V, VOUT = –0.1V
l
3
3.7
A
Error Amplifier RMS Output Noise (Note 6)
ILOAD = 500mA, 10Hz ≤ f ≤ 100kHz, COUT = 10µF, CSET =
0.1µF
40
µVRMS
Reference Current RMS Output Noise (Note 6)
10Hz ≤ f ≤ 100kHz
1
nARMS
Ripple Rejection
VRIPPLE = 0.5VP-P, IL = 0.1A, CSET = 0.1µF,
COUT = 10µF
f = 120Hz
f = 10kHz
f = 1MHz
85
75
20
dB
dB
dB
Thermal Regulation, ISET
10ms Pulse
0.003
%/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com