Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF Datasheet(PDF) 16 Page - Analog Devices

Part # LT3083MPDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPDF Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3083MPDF Datasheet HTML 12Page - Analog Devices LT3083MPDF Datasheet HTML 13Page - Analog Devices LT3083MPDF Datasheet HTML 14Page - Analog Devices LT3083MPDF Datasheet HTML 15Page - Analog Devices LT3083MPDF Datasheet HTML 16Page - Analog Devices LT3083MPDF Datasheet HTML 17Page - Analog Devices LT3083MPDF Datasheet HTML 18Page - Analog Devices LT3083MPDF Datasheet HTML 19Page - Analog Devices LT3083MPDF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT3083
16
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
The power in the drive circuit equals:
PDRIVE = (VCONTROL – VOUT)(ICONTROL)
where ICONTROL is equal to IOUT/60. ICONTROL is a func-
tion of output current. A curve of ICONTROL vs IOUT can be
found in the Typical Performance Characteristics curves.
The total power equals:
PTOTAL = PDRIVE + POUTPUT
The current delivered to the SET pin is negligible and can
be ignored.
VCONTROL(MAX_CONTINUOUS) = 3.630V (3.3V + 10%)
VIN(MAX_CONTINUOUS) = 1.575V (1.5V + 5%)
VOUT = 0.9V, IOUT = 3A, TA = 50°C
Power dissipation under these conditions is equal to:
PDRIVE = (VCONTROL – VOUT)(ICONTROL)
ICONTROL =
IOUT
60
=
3A
60
= 50mA
PDRIVE = (3.630V – 0.9V)(50mA) = 137mW
POUTPUT = (VIN – VOUT)(IOUT)
POUTPUT = (1.575V – 0.9V)(3A) = 2.03W
Total Power Dissipation = 2.16W
Junction Temperature will be equal to:
TJ = TA + PTOTAL • θJA (using tables)
TJ = 50°C + 2.16W • 16°C/W = 84.6°C
In this case, the junction temperature is below the maxi-
mum rating, ensuring reliable operation.
Reducing Power Dissipation
In some applications it may be necessary to reduce the
power dissipation in the LT3083 package without sacri-
ficing output current capability. Two techniques are avail-
able. The first technique, illustrated in Figure 7, employs
a resistor in series with the regulator’s input. The voltage
drop across RS decreases the LT3083’s input-to-output
differential voltage and correspondingly decreases the
LT3083’s power dissipation.
As an example, assume: VIN = VCONTROL = 5V, VOUT = 3.3V
and IOUT(MAX) = 2A. Use the formulas from the Calculating
Junction Temperature section previously discussed.
Without series resistor RS, power dissipation in the
LT3083 equals:
PTOTAL = 5V −3.3V
(
) •
2A
60
⎛
⎝
⎜
⎞
⎠
⎟+ 5V − 3.3V
(
) • 2A
= 3.46W
If the voltage differential (VDIFF) across the NPN pass tran-
sistor is chosen as 0.5V, then RS equals:
RS =
5V − 3.3V − 0.5V
2A
= 0.6Ω
Power dissipation in the LT3083 now equals:
PTOTAL = 5V −3.3V
(
) •
2A
60
⎛
⎝
⎜
⎞
⎠
⎟+ 0.5V • 2A = 1.06W
The LT3083’s power dissipation is now only 30% com-
pared to no series resistor. RS dissipates 2.4W of power.
Choose appropriate wattage resistors or use multiple
resistors in parallel to handle and dissipate the power
properly.
Figure 7. Reducing Power Dissipation Using a Series Resistor
+
–
LT3083
IN
VCONTROL
OUT
VOUT
VIN′
VIN
C2
3083 F07
SET
RSET
RS
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com