Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF Datasheet(PDF) 15 Page - Analog Devices

Part # LT3083MPDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPDF Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3083MPDF Datasheet HTML 11Page - Analog Devices LT3083MPDF Datasheet HTML 12Page - Analog Devices LT3083MPDF Datasheet HTML 13Page - Analog Devices LT3083MPDF Datasheet HTML 14Page - Analog Devices LT3083MPDF Datasheet HTML 15Page - Analog Devices LT3083MPDF Datasheet HTML 16Page - Analog Devices LT3083MPDF Datasheet HTML 17Page - Analog Devices LT3083MPDF Datasheet HTML 18Page - Analog Devices LT3083MPDF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT3083
15
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Thermal Considerations
The LT3083’s internal power and thermal limiting circuitry
protects itself under overload conditions. For continuous
normal load conditions, do not exceed the 125°C maxi-
mum junction temperature. Carefully consider all sources
of thermal resistance from junction-to-ambient. This
includes (but is not limited to) junction-to-case, case-to-
heat sink interface, heat sink resistance or circuit board-
to-ambient as the application dictates. Consider all addi-
tional, adjacent heat generating sources in proximity on
the PCB.
Surface mount packages provide the necessary heat sink-
ing by using the heat spreading capabilities of the PC
board, copper traces, and planes. Surface mount heat
sinks, plated through-holes and solder-filled vias can also
spread the heat generated by power devices.
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly, or the bot-
tom of the pin most directly in the heat path. This is the
lowest thermal resistance path for heat flow. Only proper
device mounting ensures the best possible thermal flow
from this area of the packages to the heat sinking material.
Note that the exposed pad of the DFN and TSSOP pack-
ages and the tab of the DD-PAK and TO-220 packages
are electrically connected to the output (VOUT).
Table 3 through Table 5 list thermal resistance as a func-
tion of copper areas on a fixed board size. All measure-
ments were taken in still air on a 4-layer FR-4 board with
1oz solid internal planes and 2oz external trace planes
with a total finished board thickness of 1.6mm. Layers
are not connected electrically or thermally.
Table 3. DF Package, 12-Lead DFN
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
18°C/W
1000mm2
2500mm2
2500mm2
22°C/W
225mm2
2500mm2
2500mm2
29°C/W
100mm2
2500mm2
2500mm2
35°C/W
*Device is mounted on topside.
Table 4. FE Package, 16-Lead TSSOP
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
16°C/W
1000mm2
2500mm2
2500mm2
20°C/W
225mm2
2500mm2
2500mm2
26°C/W
100mm2
2500mm2
2500mm2
32°C/W
*Device is mounted on topside.
Table 5. Q Package, 5-Lead DD-PAK
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
13°C/W
1000mm2
2500mm2
2500mm2
14°C/W
125mm2
2500mm2
2500mm2
16°C/W
*Device is mounted on topside.
T Package, 5-Lead TO-220
Thermal Resistance (Junction-to-Case) = 3°C/W
For further information on thermal resistance and using
thermal information, refer to JEDEC standard JESD51,
notably JESD51-12.
PCB layers, copper weight, board layout and thermal vias
affect the resultant thermal resistance. Table 3 through
Table 5 provide thermal resistance numbers for best-case
4-layer boards with 1oz internal and 2oz external copper.
Modern, multilayer PCBs may not be able to achieve quite
the same level performance as found in these tables.
Calculating Junction Temperature
Example: Given an output voltage of 0.9V, a VCONTROL
voltage of 3.3V ±10%, an IN voltage of 1.5V ±5%, output
current range from 10mA to 3A and a maximum ambient
temperature of 50°C, what will the maximum junction
temperature be for the DD-PAK on a 2500mm2 board with
topside copper of 1000mm2?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com