Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF Datasheet(PDF) 9 Page - Analog Devices

Part # LT3083MPDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPDF Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3083MPDF Datasheet HTML 5Page - Analog Devices LT3083MPDF Datasheet HTML 6Page - Analog Devices LT3083MPDF Datasheet HTML 7Page - Analog Devices LT3083MPDF Datasheet HTML 8Page - Analog Devices LT3083MPDF Datasheet HTML 9Page - Analog Devices LT3083MPDF Datasheet HTML 10Page - Analog Devices LT3083MPDF Datasheet HTML 11Page - Analog Devices LT3083MPDF Datasheet HTML 12Page - Analog Devices LT3083MPDF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3083
9
Rev. B
For more information www.analog.com
PIN FUNCTIONS
OUT (Pins 1-5,13/Pins 1-6,8,9,16,17/Pin 3, Tab/Pin 3,
Tab): Output. The exposed pad of the DF package (Pin 13)
and the FE package (Pin 17) and the Tab of the DD-PAK
and TO-220 packages is an electrical connection to OUT.
Connect the exposed pad of the DF and FE packages and
the Tab of the DD-PAK package directly to OUT on the
PCB and the respective OUT pins for each package. There
must be a minimum load current of 1mA or the output
may not regulate.
SET (Pin 6/Pin 7/Pin 2/Pin 2): Set Point. This pin is the
non-inverting input to the error amplifier and the regula-
tion set point. A fixed current of 50μA flows out of this
pin through a single external resistor, which programs
the output voltage of the device. Output voltage range is
zero to the VIN(MAX) – VDROPOUT. Transient performance
can be improved by adding a small capacitor from the
SET pin to ground.
VCONTROL (Pins 7,8/Pins 10,11/Pin 4/Pin 4): Bias
Supply. This is the supply pin for the control circuitry of
the device. Minimum input capacitance is 2.2µF (see Input
Capacitance and Stability in the Applications Information
section). The current flow into this pin is about 1.7% of
the output current. For the device to regulate, this volt-
age must be more than 1.2V to 1.4V greater than the
output voltage (see dropout specifications in the Electrical
Characteristics section).
IN (Pins 9-12/Pins 12-15/Pin 5/Pin 5): Power Input.
This is the collector to the power device of the LT3083.
The output load current is supplied through this pin.
Minimum IN capacitance is 10µF (see Input Capacitance
and Stability in Applications Information section). For the
device to regulate, the voltage at this pin must be more
than 0.1V to 0.5V greater than the output voltage (see
dropout specifications in the Electrical Characteristics
section).
NC (NA/NA/Pin 1/Pin 1): No Connection. No Connect
pins have no connection to internal circuitry and may be
tied to VIN, VCONTROL, VOUT, GND, or floated.
(DF/FE/Q/T Packages)
BLOCK DIAGRAM
–
+
VCONTROL
IN
50µA
3083 BD
OUT
SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com