Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF Datasheet(PDF) 12 Page - Analog Devices

Part # LT3083MPDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPDF Datasheet(HTML) 12 Page - Analog Devices

Back Button LT3083MPDF Datasheet HTML 8Page - Analog Devices LT3083MPDF Datasheet HTML 9Page - Analog Devices LT3083MPDF Datasheet HTML 10Page - Analog Devices LT3083MPDF Datasheet HTML 11Page - Analog Devices LT3083MPDF Datasheet HTML 12Page - Analog Devices LT3083MPDF Datasheet HTML 13Page - Analog Devices LT3083MPDF Datasheet HTML 14Page - Analog Devices LT3083MPDF Datasheet HTML 15Page - Analog Devices LT3083MPDF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT3083
12
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
When longer supply lines, filters, current sense resistors,
or other impedances exist between the supply and the
input to the LT3083, input bypassing should be reviewed
if stability concerns are seen. Just as output capacitance
supplies the instantaneous changes in load current for out-
put transients until the regulator is able to respond, input
capacitance supplies local power to the regulator until the
main supply responds. When impedance separates the
LT3083 from its main supply, the local input can droop
so that the output follows. The entire circuit may break
into oscillations, usually characterized by larger amplitude
oscillations on the input and coupling to the output.
Low ESR, ceramic input bypass capacitors are acceptable
for applications without long input leads. However, appli-
cations connecting a power supply to an LT3083 circuit’s
IN and GND pins with long input wires combined with
low ESR, ceramic input capacitors are prone to voltage
spikes, reliability concerns and application-specific board
oscillations. The input wire inductance found in many bat-
tery powered applications, combined with the low ESR
ceramic input capacitor, forms a high-Q LC resonant tank
circuit. In some instances this resonant frequency beats
against the output current dependent LDO bandwidth and
interferes with proper operation. Simple circuit modifi-
cations/solutions are then required. This behavior is not
indicative of LT3083 instability, but is a common ceramic
input bypass capacitor application issue.
The self-inductance, or isolated inductance, of a wire is
directly proportional to its length. Wire diameter is not a
major factor on its self-inductance. For example, the self-
inductance of a 2-AWG isolated wire (diameter = 0.26") is
about half the self-inductance of a 30-AWG wire (diameter
= 0.01"). One foot of 30-AWG wire has about 465nH of
self-inductance.
One of two ways reduces a wire’s self-inductance. One
method divides the current flowing towards the LT3083
between two parallel conductors. In this case, the farther
apart the wires are from each other, the more the self-
inductance is reduced; up to a 50% reduction when placed
a few inches apart. Splitting the wires basically connects
two equal inductors in parallel, but placing them in close
proximity gives the wires mutual inductance adding to
the self-inductance. The second and most effective way
to reduce overall inductance is to place both forward and
return current conductors (the input and GND wires) in
very close proximity. Two 30-AWG wires separated by
only 0.02", used as forward- and return- current conduc-
tors, reduce the overall self-inductance to approximately
one-fifth that of a single isolated wire.
If wiring modifications are not permissible for the appli-
cations, including series resistance between the power
supply and the input of the LT3083 also stabilizes the
application. As little as 0.1Ω to 0.5Ω, often less, is effec-
tive in damping the LC resonance. If the added imped-
ance between the power supply and the input is unac-
ceptable, adding ESR to the input capacitor also provides
the necessary damping of the LC resonance. However, the
required ESR is generally higher than the series imped-
ance required.
Stability and Output Capacitance
The LT3083 requires an output capacitor for stability. It
is designed to be stable with most low ESR capacitors
(typically ceramic, tantalum or low ESR electrolytic). A
minimum output capacitor of 10μF with an ESR of 0.5Ω or
less is recommended to prevent oscillations. Larger values
of output capacitance decrease peak deviations and pro-
vide improved transient response for larger load current
changes. Bypass capacitors, used to decouple individual
components powered by the LT3083, increase the effec-
tive output capacitor value. For improvement in transient
performance, place a capacitor across the voltage setting
resistor. Capacitors up to 1μF can be used. This bypass
capacitor reduces system noise as well, but start-up time
is proportional to the time constant of the voltage setting
resistor (RSET in Figure 1) and SET pin bypass capacitor.
Give extra consideration to the use of ceramic capacitors.
Ceramic capacitors are manufactured with a variety of
dielectrics, each with different behavior across tempera-
ture and applied voltage. The most common dielectrics
used are specified with EIA temperature characteristic
codes of Z5U, Y5V, X5R and X7R. The Z5U and Y5V
dielectrics are good for providing high capacitances in
a small package, but they tend to have strong voltage
and temperature coefficients as shown in Figure 3 and
Figure 4. When used with a 5V regulator, a 16V 10μF Y5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com