Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF Datasheet(PDF) 7 Page - Analog Devices

Part # LT3083MPDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPDF Datasheet(HTML) 7 Page - Analog Devices

Back Button LT3083MPDF Datasheet HTML 3Page - Analog Devices LT3083MPDF Datasheet HTML 4Page - Analog Devices LT3083MPDF Datasheet HTML 5Page - Analog Devices LT3083MPDF Datasheet HTML 6Page - Analog Devices LT3083MPDF Datasheet HTML 7Page - Analog Devices LT3083MPDF Datasheet HTML 8Page - Analog Devices LT3083MPDF Datasheet HTML 9Page - Analog Devices LT3083MPDF Datasheet HTML 10Page - Analog Devices LT3083MPDF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3083
7
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VCONTROL Pin Current
VCONTROL Pin Current
Residual Output Voltage with
Less Than Minimum Load
Line Transient Response
Turn-On Response
Turn-On Response
Load Transient Response
Load Transient Response
TA = 25°C, unless otherwise noted.
0
80
200
3083 G17
0
50
–50
100
150
0
–100
1.0
0.5
60
20 40
140 160
100 120
180
TIME (µs)
VIN = 2V
VCONTROL = 3V
VOUT = 1V
CSET = 0.1µF
∆ILOAD = 100mA TO 1A
COUT = 10µF CERAMIC
COUT = 22µF CERAMIC
0
80
200
3083 G19
–10
–20
5
4
6
7
3
10
0
60
20 40
140 160
100 120
180
TIME (µs)
VOUT = 1V
ILOAD = 10mA
COUT = 10µF CERAMIC
CSET = 0.1µF
0
20
50
3083 G20
0
4
1
5
6
2
3
0
1.0
0.5
–0.5
15
5 10
35 40
25 30
45
TIME (µs)
RSET = 20k
CSET = 0
RLOAD = 0.33Ω
COUT = 10µF CERAMIC
0
8
20
3083 G21
0
1
4
2
3
0
1.0
0.5
–0.5
6
2
4
14 16
10 12
18
TIME (ms)
RSET = 20k
CSET = 0.1µF
RLOAD = 1Ω
COUT = 10µF CERAMIC
0
2
18
3083 G22
0
10
80
70
60
50
40
30
20
4
6
8
10 12 14 16
IN-TO-OUT DIFFERENTIAL (VIN – VOUT) (V)
ILOAD = 3A
ILOAD = 1.5A
DEVICE IN
CURRENT LIMIT
0
80
200
3083 G18
0
50
–50
150
250
–150
4
2
60
20 40
140 160
100 120
180
TIME (µs)
∆ILOAD = 500mA TO 3A
VIN = 2V
VCONTROL = 3V
VOUT = 1V
CSET = 0.1µF
COUT = 22µF CERAMIC
0
0.5
3
3083 G23
0
10
70
60
50
40
30
20
1
1.5
2
2.5
LOAD CURRENT (A)
TJ = –50°C
TJ = 125°C
TJ = 25°C
VCONTROL – VOUT = 2V
VIN – VOUT = 1V
0
2000
3083 G24
0
100
600
500
400
300
200
500
1000
1500
RSET (Ω)
RTEST
VOUT
SET PIN = 0V
ADD 1N4148 FOR
RTEST < 1k
VIN = 20V
VIN = 5V
VIN = 10V
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com