Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF Datasheet(PDF) 13 Page - Analog Devices

Part # LT3083MPDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPDF Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3083MPDF Datasheet HTML 9Page - Analog Devices LT3083MPDF Datasheet HTML 10Page - Analog Devices LT3083MPDF Datasheet HTML 11Page - Analog Devices LT3083MPDF Datasheet HTML 12Page - Analog Devices LT3083MPDF Datasheet HTML 13Page - Analog Devices LT3083MPDF Datasheet HTML 14Page - Analog Devices LT3083MPDF Datasheet HTML 15Page - Analog Devices LT3083MPDF Datasheet HTML 16Page - Analog Devices LT3083MPDF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3083
13
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 5. Parallel Devices
capacitor can exhibit an effective value as low as 1μF to
2μF for the DC bias voltage applied and over the operating
temperature range. The X5R and X7R dielectrics result in
more stable characteristics and are more suitable for use
as the output capacitor. The X7R type has better stability
across temperature, while the X5R is less expensive and
is available in higher values. Care still must be exercised
when using X5R and X7R capacitors. The X5R and X7R
codes only specify operating temperature range and maxi-
mum capacitance change over temperature. Capacitance
change due to DC bias with X5R and X7R capacitors is
better than Y5V and Z5U capacitors, but can still be sig-
nificant enough to drop capacitor values below appro-
priate levels. Capacitor DC bias characteristics tend to
improve as component case size increases, but expected
capacitance at operating voltage should be verified.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress. In a
ceramic capacitor, the stress can be induced by vibrations
in the system or thermal transients.
Paralleling Devices
Higher output current is obtained by paralleling multiple
LT3083s together. Tie the individual SET pins together and
tie the individual IN pins together. Connect the outputs in
common using small pieces of PC trace as ballast resis-
tors to promote equal current sharing. PC trace resistance
in mΩ/inch is shown in Table 2. Ballasting requires only
a tiny area on the PCB.
Table 2. PC Board Trace Resistance
WEIGHT (oz)
10mil WIDTH
20mil WIDTH
1
54.3
27.1
2
27.1
13.6
Trace resistance is measured in mΩ/in
The worst-case room temperature offset, only ±4mV
(DD-PAK, T Packages) between the SET pin and the OUT
pin, allows the use of very small ballast resistors.
As shown in Figure 5, each LT3083 has a small 10mΩ
ballast resistor, which at full output current gives better
than 80% equalized sharing of the current. The external
Figure 3. Ceramic Capacitor DC Bias Characteristics
Figure 4. Ceramic Capacitor Temperature Characteristics
DC BIAS VOLTAGE (V)
3083 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
2
6
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3083 F04
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
+
–
LT3083
VIN
VCONTROL
OUT
SET
10m
+
–
LT3083
VIN
VIN
4.8V
TO 20V
VOUT
3.3V
6A
VCONTROL
OUT
10µF
10µF
SET
33k
3083 F05
10m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com