Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF Datasheet(PDF) 22 Page - Analog Devices

Part # LT3083MPDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPDF Datasheet(HTML) 22 Page - Analog Devices

Back Button LT3083MPDF Datasheet HTML 18Page - Analog Devices LT3083MPDF Datasheet HTML 19Page - Analog Devices LT3083MPDF Datasheet HTML 20Page - Analog Devices LT3083MPDF Datasheet HTML 21Page - Analog Devices LT3083MPDF Datasheet HTML 22Page - Analog Devices LT3083MPDF Datasheet HTML 23Page - Analog Devices LT3083MPDF Datasheet HTML 24Page - Analog Devices LT3083MPDF Datasheet HTML 25Page - Analog Devices LT3083MPDF Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3083
22
Rev. B
For more information www.analog.com
Adjustable High Efficiency Regulator*
2 Terminal Current Source
TYPICAL APPLICATIONS
3083 TA14
4.5V TO 25V†
10µF
100k
0.1µF
68µF
4.7µH
B340A
10k
10k
15.4k
1µF
0.47µF
TP0610L
63.4k
600kHz
+
–
LT3083
IN
VCONTROL
OUT
SET
4.7µF
0V TO 10V†
3A
*DIFFERENTIAL VOLTAGE ON LT3083
≈ 1.4V SET BY THE TPO610L P-CHANNEL THRESHOLD.
200k
†MAXIMUM OUTPUT VOLTAGE IS 2V
BELOW INPUT VOLTAGE
680pF
VIN
BOOST
SW
FB
RUN/SS
VCONTROL
RT
BD
GND
LT3680
200k
3083 TA15
R1
20k
+
–
LT3083
CCOMP*
IN
VCONTROL
SET
*CCOMP
R1 ≤ 10
10µF
R1 ≥ 10
2.2µF
IOUT = 1V
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com