Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3083MPDF Datasheet(PDF) 6 Page - Analog Devices

Part # LT3083MPDF
Description  Adjustable 3A Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083MPDF Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3083MPDF Datasheet HTML 2Page - Analog Devices LT3083MPDF Datasheet HTML 3Page - Analog Devices LT3083MPDF Datasheet HTML 4Page - Analog Devices LT3083MPDF Datasheet HTML 5Page - Analog Devices LT3083MPDF Datasheet HTML 6Page - Analog Devices LT3083MPDF Datasheet HTML 7Page - Analog Devices LT3083MPDF Datasheet HTML 8Page - Analog Devices LT3083MPDF Datasheet HTML 9Page - Analog Devices LT3083MPDF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3083
6
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage (Minimum
VCONTROL Pin Voltage)
Dropout Voltage (Minimum
VCONTROL Pin Voltage)
Current Limit
Current Limit
Dropout Voltage, FE/DF Packages
Dropout Voltage, T/Q Packages
(Minimum IN Voltage)
Dropout Voltage, FE/DF Packages
(Minimum IN Voltage)
TA = 25°C, unless otherwise noted.
–50
50
150
3083 G14
0
1.6
1.2
0.8
1.4
1.0
0.6
0.4
0.2
25
–25
0
75 100 125
TEMPERATURE (°C)
ILOAD = 3A
0
0.5
3
3083 G10
0
50
100
400
350
300
250
200
150
1
1.5
2
2.5
LOAD CURRENT (A)
TJ = –50°C
TJ = 125°C
TJ = 25°C
–50
50
150
3083 G11
0
100
500
400
300
450
350
250
200
150
50
25
–25
0
75 100 125
TEMPERATURE (°C)
ILOAD = 100mA
ILOAD = 3A
ILOAD = 500mA
ILOAD = 1.5A
–50
50
150
3083 G12
0
100
500
400
300
450
350
250
200
150
50
25
–25
0
75 100 125
TEMPERATURE (°C)
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 3A
ILOAD = 1.5A
–50
50
150
3083 G15
0
5.0
3.0
2.0
4.5
2.5
4.0
3.5
1.5
1.0
0.5
25
–25
0
75 100 125
TEMPERATURE (°C)
VIN = VCONTROL = 7V
VOUT = 0V
0
20
3083 G16
0
4.0
3.0
2.0
3.5
2.5
1.5
1.0
0.5
5
10
15
IN-TO-OUT DIFFERENTIAL (VIN – VOUT) (V)
TJ = 25°C
0
0.5
3
3083 G13
0
0.2
0.4
1.6
1.4
1.2
1.0
0.8
0.6
1
1.5
2
2.5
LOAD CURRENT (A)
TJ = 25°C
TJ = 125°C
TJ = –50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com