Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9313 Datasheet(PDF) 33 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 29Page - SMSC Corporation LAN9313 Datasheet HTML 30Page - SMSC Corporation LAN9313 Datasheet HTML 31Page - SMSC Corporation LAN9313 Datasheet HTML 32Page - SMSC Corporation LAN9313 Datasheet HTML 33Page - SMSC Corporation LAN9313 Datasheet HTML 34Page - SMSC Corporation LAN9313 Datasheet HTML 35Page - SMSC Corporation LAN9313 Datasheet HTML 36Page - SMSC Corporation LAN9313 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
33
Revision 1.2 (04-08-08)
DATASHEET
Note 3.4
When used as an output, the pin input buffer and pull-up are disabled.
Note 3.5
An external pull-up is required when the SMI or MII management interface is used. This
ensures that the IDLE state of the MDIO signal is logic 1. An external pull-up is
recommended when the SMI or MII management interface is not used to avoid a floating
signal.
Note 3.6
When used as an output, the pin input buffer is disabled. An external pull-down is
recommended when the SMI or MII management interface is not used to avoid a floating
signal.
Note 3.7
This signal is pulled high through an internal pull-up resistor at all times.
Table 3.5 Dedicated Configuration Strap Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
44
LED Enable
Strap
LED_EN
IS
(PU)
Note 3.8
LED Enable Strap: Configures the default value
for the LED_EN bits in the LED Configuration
Register (LED_CFG). When latched low, all 8
LED/GPIO pins are configured as GPIOs. When
latched high, all 8 LED/GPIO pins are configured
as LEDs. See Note 3.9.
45,47
LED Function
Strap
LED_FUN[1:0]
IS
(PU)
Note 3.8
LED Function Straps: Configures the default
value for the LED_FUN bits in the LED
Configuration Register (LED_CFG). When latched
low, the corresponding bit will be cleared. When
latched high, the corresponding bit will be set. See
Note 3.9.
56
Port 1 Auto-
MDIX Enable
Strap
AUTO_MDIX_1
IS
(PU)
Note 3.8
Port 1 Auto-MDIX Enable Strap: Configures the
default value for the Auto-MDIX functionality on
Port 1. When latched low, Auto-MDIX is disabled.
When latched high, Auto-MDIX is enabled. See
Note 3.9.
55
Port 1 Auto
Negotiation
Enable Strap
AUTO_NEG_1
IS
(PU)
Note 3.8
Port 1 Auto Negotiation Enable Strap:
Configures the default value for the Auto-
Negotiation (PHY_AN) enable bit in the
PHY_BASIC_CTRL_1 register (See
Section 13.2.2.1). When latched low, auto-
negotiation is disabled. When latched high, auto-
negotiation is enabled.
See Note 3.9.
53
Port 1 Speed
Select Strap
SPEED_1
IS
(PU)
Note 3.8
Port 1 Speed Select Strap: Configures the default
value for the Speed Select LSB
(PHY_SPEED_SEL_LSB) bit in the
PHY_BASIC_CTRL_1 register (See
Section 13.2.2.1). When latched low, 10 Mbps is
selected. When latched high, 100 Mbps is selected.
See Note 3.9.
52
Port 1 Duplex
Select Strap
DUPLEX_1
IS
(PU)
Note 3.8
Port 1 Duplex Select Strap: Configures the
default value for the Duplex Mode (PHY_DUPLEX)
bit in the PHY_BASIC_CTRL_1 register (See
Section 13.2.2.1). When latched low, half-duplex is
selected. When latched high, full-duplex is
selected. See Note 3.9.
51
Port 1
Backpressure
Enable Strap
BP_EN_1
IS
(PU)
Note 3.8
Port 1 Backpressure Enable Strap: Configures
the default value for the Port 1 Backpressure
Enable (BP_EN_1) bit of the Port 1 Manual Flow
Control Register (MANUAL_FC_1). When latched
low, backpressure is disabled. When latched high,
backpressure is enabled. See Note 3.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com