Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9313 Datasheet(PDF) 76 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 76 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 72Page - SMSC Corporation LAN9313 Datasheet HTML 73Page - SMSC Corporation LAN9313 Datasheet HTML 74Page - SMSC Corporation LAN9313 Datasheet HTML 75Page - SMSC Corporation LAN9313 Datasheet HTML 76Page - SMSC Corporation LAN9313 Datasheet HTML 77Page - SMSC Corporation LAN9313 Datasheet HTML 78Page - SMSC Corporation LAN9313 Datasheet HTML 79Page - SMSC Corporation LAN9313 Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
76
SMSC LAN9313/LAN9313i
DATASHEET
6.4.7
Broadcast Storm Control
In addition to ingress rate limiting, the LAN9313/LAN9313i supports hardware broadcast storm control
on a per port basis. This feature is enabled via the Switch Engine Broadcast Throttling Register
(SWE_BCST_THROT). The allowed rate per port is specified as the number of bytes multiplied by 64
allowed to be received every 1.72 mS interval. Packets that exceed this limit are dropped. Typical
values are listed in Table 6.4. When a port is receiving at 10Mbps, any setting above 34 has the effect
of not limiting the rate.
In addition to the rate limit, the Buffer Manager Broadcast Buffer Level Register (BM_BCST_LVL)
specifies the maximum number of buffers that can be used by broadcasts, multicasts, and unknown
unicasts.
6.4.8
IPv4 IGMP / IPv6 MLD Support
The LAN9313/LAN9313i provides Internet Group Management Protocol (IGMP) and Multicast Listener
Discovery (MLD) hardware support using two mechanisms: IGMP/MLD snooping and Multicast
Pruning.
On ingress, if IGMP packet snooping is enabled in the Switch Engine Global Ingress Configuration
Register (SWE_GLOBAL_INGRSS_CFG), IGMP multicast packets are trapped and redirected to the
MLD/IGMP snoop port (typically set to the port to which the host CPU is connected). IGMP packets
are identified as IPv4 packets with a protocol of 2. Both Ethernet and IEEE 802.3 frame formats are
supported as are VLAN tagged packets.
On ingress, if MLD packet snooping is enabled in the Switch Engine Global Ingress Configuration
Register (SWE_GLOBAL_INGRSS_CFG), MLD multicast packets are trapped and redirected to the
MLD/IGMP snoop port (typically set to the port to which the host CPU is connected). MLD packets are
identified as IPv6 packets with a next header value of 58 decimal (ICMPv6). Both Ethernet and IEEE
802.3 frame formats are supported as are VLAN tagged packets.
Once the IGMP or MLD packets are received by the host CPU, the host software can decide which
port or ports need to be members of the multicast group. This group is then added to the ALR table
as detailed in Section 6.4.1.3, "Multicast Pruning," on page 66. The host software should also forward
the original IGMP packet if necessary.
Table 6.4 Typical Broadcast Rate Settings
Broadcast Throttle Level
Bandwidth
252
75 Mbps
168
50 Mbps
134
40 Mbps
67
20 Mbps
34
10 Mbps
17
5 Mbps
82.4 Mbps
41.2 Mbps
3
900 Kbps
2
600 Kbps
1
300 Kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com