Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9313 Datasheet(PDF) 73 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 69Page - SMSC Corporation LAN9313 Datasheet HTML 70Page - SMSC Corporation LAN9313 Datasheet HTML 71Page - SMSC Corporation LAN9313 Datasheet HTML 72Page - SMSC Corporation LAN9313 Datasheet HTML 73Page - SMSC Corporation LAN9313 Datasheet HTML 74Page - SMSC Corporation LAN9313 Datasheet HTML 75Page - SMSC Corporation LAN9313 Datasheet HTML 76Page - SMSC Corporation LAN9313 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
73
Revision 1.2 (04-08-08)
DATASHEET
6.4.6
Ingress Flow Metering and Coloring
The LAN9313/LAN9313i supports hardware ingress rate limiting by metering packet streams and
marking packets as either Green, Yellow, or Red according to three traffic parameters: Committed
Information Rate (CIR), Committed Burst Size (CBS), and Excess Burst Size (EBS). A packet is
marked Green if it does not exceed the CBS, Yellow if it exceeds to CBS but not the EBS, or Red
otherwise.
Ingress flow metering and coloring is enabled via the Ingress Rate Enable bit in the Switch Engine
Ingress Rate Configuration Register (SWE_INGRSS_RATE_CFG). Once enabled, each incoming
packet is classified into a stream. Streams are defined as per port (3 streams), per priority (8 streams),
or per port & priority (24 streams) as selected via the Rate Mode bits in the Switch Engine Ingress
Rate Configuration Register (SWE_INGRSS_RATE_CFG). Each stream can have a different CIR
setting. All streams share common CBS and EBS settings. CIR, CBS, and EBS are programmed via
the Switch Engine Ingress Rate Command Register (SWE_INGRSS_RATE_CMD) and Switch Engine
Ingress Rate Write Data Register (SWE_INGRSS_RATE_WR_DATA).
Each stream is metered according to RFC 2697. At the rate set by the CIR, two token buckets are
credited per stream. First, the Committed Burst bucket is incremented up to the maximum set by the
CBS. Once the Committed Burst bucket is full, the Excess Burst bucket is incremented up to the
maximum set by the EBS. The CIR rate is specified in time per byte. The value programmed is in
approximately 20 nS per byte increments. Typical values are listed in Table 6.3. When a port is
receiving at 10Mbps, any setting faster than 39 has the effect of not limiting the rate.
11 - Listening
Received packets on the port are
discarded.
Transmissions to the port are blocked.
Learning on the port is disabled.
The MAC Address Table should be programmed
with entries that the host CPU needs to receive
(e.g. the BPDU address). The static and override
bits should be set.
The host CPU may send packets to the port in this
state.
10 - Learning
Received packets on the port are
discarded.
Transmissions to the port are blocked.
Learning on the port is enabled.
The MAC Address Table should be programmed
with entries that the host CPU needs to receive
(e.g. the BPDU address). The static and override
bits should be set.
The host CPU may send packets to the port in this
state.
00 - Forwarding
Received packets on the port are
forwarded normally.
Transmissions to the port are sent
normally.
Learning on the port is enabled.
The MAC Address Table should be programmed
with entries that the host CPU needs to receive
(e.g. the BPDU address). The static and override
bits should be set.
The host CPU may send packets to the port in this
state.
Table 6.2 Spanning Tree States (continued)
Port State
Hardware Action
Software Action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com