Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9313 Datasheet(PDF) 40 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 36Page - SMSC Corporation LAN9313 Datasheet HTML 37Page - SMSC Corporation LAN9313 Datasheet HTML 38Page - SMSC Corporation LAN9313 Datasheet HTML 39Page - SMSC Corporation LAN9313 Datasheet HTML 40Page - SMSC Corporation LAN9313 Datasheet HTML 41Page - SMSC Corporation LAN9313 Datasheet HTML 42Page - SMSC Corporation LAN9313 Datasheet HTML 43Page - SMSC Corporation LAN9313 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
40
SMSC LAN9313/LAN9313i
DATASHEET
Note 3.15 Plus external pad for 128-XVTQFP package only
Table 3.10 Core and I/O Power and Ground Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
7,13,21,27,
33,39,46,
54,64,66,
72,73,81,
87,93,100
+3.3V I/O
Power
VDD33IO
P
+3.3V Power Supply for I/O Pins and Internal
Regulator
Refer to the LAN9313/LAN9313i application note
for additional connection information.
3,14,40,65,
74,88,104
Digital Core
+1.8V Power
Supply
Output
VDD18CORE
P
Digital Core +1.8V Power Supply Output: +1.8V
power from the internal core voltage regulator. All
VDD18CORE pins must be tied together for proper
operation.
Refer to the LAN9313/LAN9313i application note
for additional connection information.
18,48,80,
97,112,113,
128
Note 3.15
Common
Ground
VSS
P
Common Ground
Table 3.11 No-Connect Pins
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1,2,
57-59,
76,94,102,
103,109
No Connect
NC
-
No Connect: These pins must be left floating for
normal device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com