Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9313 Datasheet(PDF) 35 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 31Page - SMSC Corporation LAN9313 Datasheet HTML 32Page - SMSC Corporation LAN9313 Datasheet HTML 33Page - SMSC Corporation LAN9313 Datasheet HTML 34Page - SMSC Corporation LAN9313 Datasheet HTML 35Page - SMSC Corporation LAN9313 Datasheet HTML 36Page - SMSC Corporation LAN9313 Datasheet HTML 37Page - SMSC Corporation LAN9313 Datasheet HTML 38Page - SMSC Corporation LAN9313 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
35
Revision 1.2 (04-08-08)
DATASHEET
36
Port 2 Full-
Duplex Flow
Control
Enable Strap
FD_FC_2
IS
(PU)
Note 3.8
Port 2 Full-Duplex Flow Control Enable Strap:
Configures the default value of the Port 2 Full-
Duplex Transmit Flow Control Enable (TX_FC_2)
and Port 2 Full-Duplex Receive Flow Control
Enable (RX_FC_2) bits in the Port 2 Manual Flow
Control Register (MANUAL_FC_2), which are used
when manual full-duplex control is selected. When
latched low, full-duplex Pause packet detection and
generation are disabled. When latched high, full-
duplex Pause packet detection and generation are
enabled. See Note 3.9.
35
Port 2
Manual Flow
Control
Enable Strap
MANUAL_FC_2
IS
(PU)
Note 3.8
Port 2 Manual Flow Control Enable Strap:
Configures the default value of the Port 2 Full-
Duplex Manual Flow Control Select
(MANUAL_FC_2) bit in the Port 2 Manual Flow
Control Register (MANUAL_FC_2). When latched
low, flow control is determined by auto-negotiation.
When latched high, flow control is determined by
the Port 2 Full-Duplex Transmit Flow Control
Enable (TX_FC_2) and Port 2 Full-Duplex Receive
Flow Control Enable (RX_FC_2) bits. See
Note 3.9.
34
Port 0
(External MII)
Speed Select
Strap
SPEED_MII
IS
(PU)
Note 3.8
Port 0(External MII) Speed Select Strap:
Together with the DUPLEX_POL_MII and
MII_DUPLEX pins, configures the base ability
values in the Virtual PHY Auto-Negotiation Link
Partner Base Page Ability Register
(VPHY_AN_LP_BASE_ABILITY).
This pin also configures the speed for Port 0 when
the Virtual Auto-Negotiation fails. When latched
low, 10Mbps is selected. When latched high,
100Mbps is selected.
Refer to Section 13.1.7.6 and Table 13.6 for more
information.
See Note 3.9.
32
Port 0
(External MII)
Duplex
Polarity Strap
DUPLEX_POL_MII
IS
(PU)
Note 3.8
Port 0(External MII) Duplex Polarity Strap:
Configures the polarity of the MII_DUPLEX pin for
Port 0.
If MII_DUPLEX = DUPLEX_POL_MII, full-duplex is
selected.
If MII_DUPLEX != DUPLEX_POL_MII, half-duplex
is selected.
Refer to Section 13.1.7.6 and Table 13.6 for more
information.
See Note 3.9.
31
Port 0
(External MII)
Backpressure
Enable Strap
BP_EN_MII
IS
(PU)
Note 3.8
Port 0(External MII) Backpressure Enable Strap:
Configures the default value for the Port 0
Backpressure Enable (BP_EN_MII) bit of the Port
0(External MII) Manual Flow Control Register
(MANUAL_FC_MII). When latched low,
backpressure is disabled. When latched high,
backpressure is enabled.
See Note 3.9.
Table 3.5 Dedicated Configuration Strap Pins (continued)
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com